công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PIC18F2680ESPQTP bảng dữ liệu(PDF) 85 Page - Microchip Technology

tên linh kiện PIC18F2680ESPQTP
Giải thích chi tiết về linh kiện  PIC18F2585/2680/4585/4680 Data Sheet
PDF  482 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2680ESPQTP bảng dữ liệu(HTML) 85 Page - Microchip Technology

Back Button PIC18F2680ESPQTP Datasheet HTML 81Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 82Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 83Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 84Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 85Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 86Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 87Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 88Page - Microchip Technology PIC18F2680ESPQTP Datasheet HTML 89Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 482 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39625C-page 83
PIC18F2585/2680/4585/4680
B4EIDL(8)
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
56, 299
B4EIDH(8)
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
57, 298
B4SIDL(8)
Receive mode
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
56, 297
B4SIDL(8)
Transmit mode
SID2
SID1
SID0
—
EXIDE
—EID17
EID16
xxx- x-xx
56, 297
B4SIDH(8)
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
57, 296
B4CON(8)
Receive mode
RXFUL
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
57, 294
B4CON(8)
Transmit mode
TXBIF
TXABT
TXLARB
TXERR
TXREQ
RTREN
TXPRI1
TXPRI0
0000 0000
57, 295
B3D7(8)
B3D77
B3D76
B3D75
B3D74
B3D73
B3D72
B3D71
B3D70
xxxx xxxx
57, 299
B3D6(8)
B3D67
B3D66
B3D65
B3D64
B3D63
B3D62
B3D61
B3D60
xxxx xxxx
57, 299
B3D5(8)
B3D57
B3D56
B3D55
B3D54
B3D53
B3D52
B3D51
B3D50
xxxx xxxx
57, 299
B3D4(8)
B3D47
B3D46
B3D45
B3D44
B3D43
B3D42
B3D41
B3D40
xxxx xxxx
57, 299
B3D3(8)
B3D37
B3D36
B3D35
B3D34
B3D33
B3D32
B3D31
B3D30
xxxx xxxx
57, 299
B3D2(8)
B3D27
B3D26
B3D25
B3D24
B3D23
B3D22
B3D21
B3D20
xxxx xxxx
57, 299
B3D1(8)
B3D17
B3D16
B3D15
B3D14
B3D13
B3D12
B3D11
B3D10
xxxx xxxx
57, 299
B3D0(8)
B3D07
B3D06
B3D05
B3D04
B3D03
B3D02
B3D01
B3D00
xxxx xxxx
57, 299
B3DLC(8)
Receive mode
—
RXRTR
RB1
RB0
DLC3
DLC2
DLC1
DLC0
-xxx xxxx
56, 300
B3DLC(8)
Transmit
mode
—TXRTR
—
—
DLC3
DLC2
DLC1
DLC0
-x-- xxxx
56, 301
B3EIDL(8)
EID7
EID6
EID5
EID4
EID3
EID2
EID1
EID0
xxxx xxxx
57, 299
B3EIDH(8)
EID15
EID14
EID13
EID12
EID11
EID10
EID9
EID8
xxxx xxxx
57, 298
B3SIDL(8)
Receive mode
SID2
SID1
SID0
SRR
EXID
—EID17
EID16
xxxx x-xx
56, 297
B3SIDL(8)
Transmit mode
SID2
SID1
SID0
—
EXIDE
—EID17
EID16
xxx- x-xx
56, 297
B3SIDH(8)
SID10
SID9
SID8
SID7
SID6
SID5
SID4
SID3
xxxx xxxx
57, 296
B3CON(8)
Receive mode
RXFUL
RXM1
RXRTRRO
FILHIT4
FILHIT3
FILHIT2
FILHIT1
FILHIT0
0000 0000
57, 294
B3CON(8)
Transmit mode
TXBIF
TXABT
TXLARB
TXERR
TXREQ
RTREN
TXPRI1
TXPRI0
0000 0000
57, 295
B2D7(8)
B2D77
B2D76
B2D75
B2D74
B2D73
B2D72
B2D71
B2D70
xxxx xxxx
57, 299
B2D6(8)
B2D67
B2D66
B2D65
B2D64
B2D63
B2D62
B2D61
B2D60
xxxx xxxx
57, 299
B2D5(8)
B2D57
B2D56
B2D55
B2D54
B2D53
B2D52
B2D51
B2D50
xxxx xxxx
57, 299
B2D4(8)
B2D47
B2D46
B2D45
B2D44
B2D43
B2D42
B2D41
B2D40
xxxx xxxx
57, 299
B2D3(8)
B2D37
B2D36
B2D35
B2D34
B2D33
B2D32
B2D31
B2D30
xxxx xxxx
57, 299
B2D2(8)
B2D27
B2D26
B2D25
B2D24
B2D23
B2D22
B2D21
B2D20
xxxx xxxx
57, 299
B2D1(8)
B2D17
B2D16
B2D15
B2D14
B2D13
B2D12
B2D11
B2D10
xxxx xxxx
57, 299
B2D0(8)
B2D07
B2D06
B2D05
B2D04
B2D03
B2D02
B2D01
B2D00
xxxx xxxx
57, 299
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2585/2680/4585/4680) (CONTINUED)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page:
Legend: x = unknown, u = unchanged, - = unimplemented, q = value depends on condition
Note 1:
Bit 21 of the PC is only available in Test mode and Serial Programming modes.
2:
The SBOREN bit is only available when CONFIG2L<1:0> = 01; otherwise, it is disabled and reads as ‘0’. See Section 4.4 “Brown-out Reset
(BOR)”.
3:
These registers and/or bits are not implemented on PIC18F2X8X devices and are read as ‘0’. Reset values are shown for PIC18F4X8X
devices; individual unimplemented bits should be interpreted as ‘—’.
4:
The PLLEN bit is only available in specific oscillator configuration; otherwise, it is disabled and reads as ‘0’. See Section 2.6.4 “PLL in
INTOSC Modes”.
5:
The RE3 bit is only available when Master Clear Reset is disabled (CONFIG3H<7> = 0); otherwise, RE3 reads as ‘0’. This bit is read-only.
6:
RA6/RA7 and their associated latch and direction bits are individually configured as port pins based on various primary oscillator modes.
When disabled, these bits read as ‘0’.
7:
CAN bits have multiple functions depending on the selected mode of the CAN module.
8:
This register reads all ‘0’s until the ECAN™ technology is set up in Mode 1 or Mode 2.
9:
These registers are available on PIC18F4X8X devices only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com