| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PICPIC16F639ESS bảng dữ liệu(PDF) 71 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PICPIC16F639ESS bảng dữ liệu(HTML) 71 Page - Microchip Technology |
|
71 / 234 page ![]() © 2007 Microchip Technology Inc. DS41232D-page 69 PIC12F635/PIC16F636/639 TABLE 6-1: SUMMARY OF REGISTERS ASSOCIATED WITH TIMER1 Name Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Value on POR, BOR Value on all other Resets CMCON1 — — — — — — T1GSS CMSYNC ---- --10 00-- --10 INTCON GIE PEIE T0IE INTE RAIE T0IF INTF RAIF 0000 000x 0000 000x PIE1 EEIE LVDIE CRIE C2IE(1) C1IE OSFIE —TMR1IE 000- 00-0 000- 00-0 PIR1 EEIF LVDIF CRIF C2IF(1) C1IF OSFIF —TMR1IF 000- 00-0 000- 00-0 TMR1H Holding Register for the Most Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu TMR1L Holding Register for the Least Significant Byte of the 16-bit TMR1 Register xxxx xxxx uuuu uuuu T1CON T1GINV TMR1GE T1CKPS1 T1CKPS0 T1OSCEN T1SYNC TMR1CS TMR1ON 0000 0000 uuuu uuuu Legend: x = unknown, u = unchanged, – = unimplemented, read as ‘0’. Shaded cells are not used by the Timer1 module. Note 1: PIC16F636/639 only. |