| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UDQ2916EB bảng dữ liệu(PDF) 2 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
UDQ2916EB bảng dữ liệu(HTML) 2 Page - Allegro MicroSystems |
|
2 / 8 page ![]() 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 2916 DUAL FULL-BRIDGE MOTOR DRIVER 2 GND GND GND GND 7 8 9 10 11 12 13 14 15 16 17 29 30 39 38 37 36 35 34 33 32 31 Dwg. PP-006A 1 2 PWM 1 PWM 2 θ 1 2 θ VCC NC NC VREF Dwg. EP-007B V BB SENSE ONE SHOT SOURCE DISABLE RC – + I 0 I1 ÷10 E OUT A OUTB 'B' PACKAGE, CHANNEL 1 PIN NUMBERS SHOWN. RC R S R T C C C T 24 20 k Ω 40 k Ω 10 k Ω 21 1 23 22 14 20 17 15 UDN2916EB (PLCC) 24 23 22 21 20 19 18 17 16 15 14 13 GROUND GROUND 2B OUT SENSE 2 2 E 2A OUT 1A OUT 1 E SENSE 1 1B OUT 01 I LOAD SUPPLY Dwg. PP-047 1 2 3 4 5 6 7 8 9 12 11 10 9 GROUND GROUND 02 I 12 I PHASE 2 VREF 2 2 RC VCC 1 RC V REF 1 PHASE 1 11 I LOGIC SUPPLY θ 1 θ 2 2 1 UDN2916LB (SOIC) PWM CURRENT-CONTROL CIRCUITRY 50 75 100 125 150 5 1 0 TEMPERATURE IN °°°°C 4 3 2 25 Dwg. GP-035B R = 6.0 °C/W SUFFIX 'B', R = 40 °C/W SUFFIX 'LB', R = 77 °C/W SUFFIX 'EB', R = 30 °C/W θJT θJA θJA θJA TRUTH TABLE PHASE OUT A OUT B HH L LL H Copyright © 1994, 2003 Allegro MicroSystems, Inc. |