| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LV8080LP bảng dữ liệu(PDF) 5 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
LV8080LP bảng dữ liệu(HTML) 5 Page - ON Semiconductor |
|
5 / 8 page ![]() LV8080LP No.A0649-5/8 Continued from preceding page. Pin No. Pin Name Description Equivalent Circuit 14 PI/PR A switch, with NMOS open-drain output, used to turn on/off the power supply of the position sensor unit. When using this switch, connect the position sensor unit between this pin and the VCC pin. On/off control of this switch is accomplished by CONT pin. Setting the CONT pin high turns on the switch. 6 VCC GND 15 VCC Power supply pin Timing Chart (1) Stepper motor timing chart Timing chart for 2-phase drive (2) Timing chart for 1-2 phase drive (Slow decay mode) Channel 1 output mode IN1 IN3 IIN2 IN4 Forward Standby Standby Reverse Forward Standby Standby Forward Reverse Forward Channel 2 output mode Channel 1 output mode IN1 IN3 IIN2 IN4 Channel 2 output mode Forward Reverse Forward Reverse Forward Brake Brake Brake Brake Standby Standby Reverse Forward Standby Standby Forward Reverse Forward |