công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LPC044CTP bảng dữ liệu(PDF) 1 Page - Visual Communications Company

tên linh kiện LPC044CTP
Giải thích chi tiết về linh kiện  VERTICAL CLIPLITE 4MM LITEPIPE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VCC [Visual Communications Company]
Trang chủ  http://vcclite.com
Logo VCC - Visual Communications Company

LPC044CTP bảng dữ liệu(HTML) 1 Page - Visual Communications Company

  LPC044CTP Datasheet HTML 1Page - Visual Communications Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RTN 150
RETAINERS
(ORDER SEPERATELY)
RTN 250
.190
(4.826mm)
SECTION A-A
(4.318mm)
(.762mm)
.030
.170 -.005
+.001
XXX
JG
AZ
KH
DPZ
D
C
B
A
A
B
C
D
1
2
3
4
5
6
7
8
8
7
6
5
4
JS
4/23/10
3/11/09
12/15/08
8/25/98
REVISED PER ECR111009AZ01
UL 94-HB
SEE NOTES
BREAK ALL CORNERS AND SHARP
PROHIBITED.
DRAWN
CHECKED
TITLE:
B
DWG. NO.
SCALE: 8:1
REV
REVISIONS
SHEET 1 OF 1
DO NOT SCALE DRAWING
SIZE
MATERIAL
REV
INITIALS
NOTES
VISUAL COMMUNICATIONS COMPANY, INC IS
Phone (760) 560-1300 Fax (760) 560-1301 email vccsales@vcclite.com
DATE
DESCRIPTION
ECN #
DATE
PROPRIETARY AND CONFIDENTIAL
1. MOUNTING: Panel mounting hole .171" (4.34mm) Diameter
APPROVAL
001
4/23/10
3
REVISE .170" DIMENSION TOLERANCES
VISUAL COMMUNICATIONS COMPANY, INC.
190 Bosstick Boulevard, Suite101 San Marcos, CA 92069 USA
2
1
THE INFORMATION CONTAINED IN THIS
:
3. U.S.& Foreign Pat Issued & Pend.
.050" clearance between Litepipe and LED.
LPC XXX_A
DRAWING IS THE SOLE PROPERTY OF
1
ACRYLIC (OPTICAL GRADE)
N/A
WITHOUT THE WRITTEN PERMISSION OF
THIRD ANGLE PROJECTION
VERTICAL
FINISH
UPDATE DWG FORMAT
INITIAL RELEASE
001
2
2. Standoff used to adjust the height of a standard LED above the PCB to maintain a maximum
VISUAL COMMUNICATIONS COMPANY, INC. ANY
Litepipe from .500" to 2.00" the spring retainer RTN 250 is recommended for rigidity
K.Howard
EDGES .030 MAX
REPRODUCTION IN PART OR AS A WHOLE
Litepipe from .200" to .500" use grommet retainer RTN 150
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES:
ANGLES
DECIMALS
1'
. X
.020
.XX
.010
FINISH
.XXX
.005
CLIPLITE 4MM LITEPIPE
5/4/10
AA
SPECIAL LENGTHS UPON REQUESTS
026 044 062 080 098 120 142 165 187
030 048 066 084 102 125 147 170 192
034 052 070 088 107 130 152 175 197
036 054 072 090 110 132 155 177 200
032 050 068 086 105 127 150 172 195
028 046 064 082 100 122 145 167 190
024 042 060 078 096 117 140 162 185
(Min 020=.200" / Max 200=2.000")
CTP
LENGTH CODE
020 038 056 074 092 112 135 157 180
022 040 058 076 094 115 137 160 182
ORDERING CODE:
LPC XXX
COLOR
CTP
CLEAR


Số phần tương tự - LPC044CTP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Marl International Limi...
LPC MARL-LPC Datasheet
78Kb / 1P
CLIPLITE 4MM LITEPIPE VERTICAL
logo
Stackpole Electronics, ...
LPC SEI-LPC Datasheet
609Kb / 8P
SMD Unshielded Power Inductor
08/30/2019
logo
Automatic Timing & Cont...
LPC ATC-LPC Datasheet
343Kb / 1P
Liquid Level Pump Controller
logo
IDEM Safety Switches
LPC IDEM-SAFETY-LPC Datasheet
1Mb / 2P
Non Contact Coded Safety Switches Operating Instructions
Feb 2020
logo
VIA Technologies, Inc.
LPC-01 VIA-LPC-01 Datasheet
824Kb / 3P
Mini-ITX Series
More results

Mô tả tương tự - LPC044CTP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Visual Communications C...
CLP125BLK VCC-CLP125BLK Datasheet
135Kb / 1P
CLIPLITE CLP 125 MOUNT
LCV VCC-LCV Datasheet
75Kb / 1P
5MM ROUND LITEPIPE
LMS VCC-LMS Datasheet
76Kb / 1P
5MM MOISTURE SEALED LITEPIPE
RNG132-E VCC-RNG132-E Datasheet
66Kb / 1P
CLIPLITE
RTN100-E VCC-RTN100-E Datasheet
64Kb / 1P
CLIPLITE
RTN150 VCC-RTN150 Datasheet
64Kb / 1P
CLIPLITE
SPC125-E VCC-SPC125-E Datasheet
64Kb / 1P
CLIPLITE SPACER
logo
Marl International Limi...
LPC MARL-LPC Datasheet
78Kb / 1P
CLIPLITE 4MM LITEPIPE VERTICAL
logo
List of Unclassifed Man...
RTN100 ETC2-RTN100 Datasheet
78Kb / 1P
MICRO-LITEPIPE
logo
Marl International Limi...
LPC MARL-LPC_15 Datasheet
78Kb / 1P
CLIPLITE 4MM LITEPIPE VERTICAL
More results


Html Pages

1


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com