| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
UDK2547EB bảng dữ liệu(PDF) 6 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
UDK2547EB bảng dữ liệu(HTML) 6 Page - Allegro MicroSystems |
|
6 / 8 page ![]() 2547 PROTECTED QUAD POWER DRIVERS 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 0.51 MIN 4.57 4.20 1.27 BSC 12.57 12.32 11.582 11.430 1 28 INDEX AREA Dwg. MA-005-28A mm 0.812 0.661 0.331 0.533 12.57 12.32 26 25 19 18 12 11 4 5 11.58 11.43 5.56 4.85 5.56 4.85 UDN2547EB and UDQ2547EB Dimensions in Inches (controlling dimensions) Dimensions in Millimeters (for reference only) NOTES: 1. Exact body and lead configuration at vendor’s option within limits shown. 2. Lead spacing tolerance is non-cumulative 3. Webbed lead frame. Leads 5 through 11 and 19 through 25 are internally one piece. 18 12 0.020 MIN 0.050 BSC 1 28 INDEX AREA Dwg. MA-005-28A in 0.026 0.032 0.013 0.021 26 25 19 11 4 5 0.165 0.180 0.495 0.485 0.456 0.450 0.495 0.485 0.456 0.450 0.219 0.191 0.219 0.191 |