| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
2003 bảng dữ liệu(PDF) 9 Page - Allegro MicroSystems |
|
|
|||||||||||||||||||||||||||||
2003 bảng dữ liệu(HTML) 9 Page - Allegro MicroSystems |
|
9 / 10 page ![]() 2003 THRU 2024 HIGH-VOLTAGE, HIGH-CURRENT DARLINGTON ARRAYS www.allegromicro.com PACKAGE DESIGNATOR “L” Dimensions in Inches (for reference only) Dimension in Millimeters (controlling dimensions) NOTES: 1. Lead spacing tolerance is non-cumulative. 2. Exact body and lead configuration at vendor’s option within limits shown. 0 ° TO 8° 10.0 9.80 6.20 5.80 1.27 0.40 Dwg. MA-007-16A mm 1.27 BSC 0.25 0.19 1 2 3 4.00 3.80 0.51 0.33 1.75 1.35 0.10 MIN. 16 9 0 ° TO 8° 0.3937 0.3859 0.2440 0.2284 0.050 0.016 Dwg. MA-007-16 in 0.050 BSC 0.0098 0.0075 1 2 3 0.1574 0.1497 0.020 0.013 0.0688 0.0532 0.0040 MIN. 16 9 |