| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
NSVBAS19L bảng dữ liệu(PDF) 4 Page - ON Semiconductor |
|
|
|||||||||||||||||||||||||||||
NSVBAS19L bảng dữ liệu(HTML) 4 Page - ON Semiconductor |
|
4 / 6 page ![]() BAS19L, NSVBAS19L, BAS20L, SBAS20L, BAS21L, SBAS21L, BAS21DW5, SBAS21DW5 http://onsemi.com 4 ORDERING INFORMATION Device Package Shipping† BAS19LT1G SOT−23 (Pb−Free) 3000 / Tape & Reel BAS19LT3G SOT−23 (Pb−Free) 10000 / Tape & Reel NSVBAS19LT1G* SOT−23 (Pb−Free) 3000 / Tape & Reel BAS20LT1G SOT−23 (Pb−Free) 3000 / Tape & Reel BAS20LT3G SOT−23 (Pb−Free) 10000 / Tape & Reel SBAS20LT1G* SOT−23 (Pb−Free) 3000 / Tape & Reel BAS21LT1G SOT−23 (Pb−Free) 3000 / Tape & Reel SBAS21LT1G* SOT−23 (Pb−Free) 3000 / Tape & Reel BAS21LT3G SOT−23 (Pb−Free) 10000 / Tape & Reel SBAS21LT3G* SOT−23 (Pb−Free) 10000 / Tape & Reel BAS21DW5T1G SC−88A (Pb−Free) 3000 / Tape & Reel SBAS21DW5T1G* SC−88A (Pb−Free) 3000 / Tape & Reel SBAS21DW5T3G* SC−88A (Pb−Free) 10000 / Tape & Reel †For information on tape and reel specifications, including part orientation and tape sizes, please refer to our Tape and Reel Packaging Specifications Brochure, BRD8011/D. *S and NSV Prefixes for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable. |