| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD8079AR bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD8079AR bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 12 page ![]() AD8079–SPECIFICATIONS AD8079A/AD8079B Parameter Conditions Min Typ Max Units DYNAMIC PERFORMANCE –3 dB Small Signal Bandwidth VIN = 50 mV rms 260 MHz Bandwidth for 0.1 dB Flatness VIN = 50 mV rms 50 MHz Large Signal Bandwidth VIN = 1 V rms 100 MHz Slew Rate VO = 2 V Step 750 V/ µs VO = 4 V Step 800 V/ µs Settling Time to 0.1% VO = 2 V Step 40 ns Rise & Fall Time VO = 2 V Step 2.5 ns NOISE/HARMONIC PERFORMANCE Total Harmonic Distortion fC = 5 MHz, VO = 2 V p-p –65 dBc Crosstalk, Output to Output f = 5 MHz –70 dB Input Voltage Noise f = 10 kHz 2.0 nV/ √Hz Input Current Noise f = 10 kHz, +In 2.0 pA/ √Hz Differential Gain Error NTSC, RL = 150 Ω 0.01 % NTSC, RL = 75 Ω 0.01 % Differential Phase Error NTSC, RL = 150 Ω 0.02 Degree RL = 75 Ω 0.07 Degree DC PERFORMANCE Offset Voltage, RTO 10 15 mV TMIN–TMAX 10 20 mV Offset Drift, RTO 20 µV/°C +Input Bias Current 3.0 6.0 ±µA TMIN–TMAX 10 ±µA Gain No Load 1.998/2.198 2.0/2.2 2.002/2.202 V/V RL = 150 Ω 1.995/2.195 2.0/2.2 2.005/2.205 V/V Gain Matching Channel-to-Channel, No Load 0.1 % Channel-to-Channel, RL = 150 Ω 0.5 % INPUT CHARACTERISTICS +Input Resistance +Input 10 M Ω +Input Capacitance +Input 1.5 pF OUTPUT CHARACTERISTICS Output Voltage Swing RL = 150 Ω 2.7 3.1 ±V RL = 75 Ω 2.8 ±V Output Current 1 70 mA Short Circuit Current 1 85 110 mA POWER SUPPLY Operating Range ±3.0 ±6.0 V Quiescent Current/Both Amplifiers TMIN–TMAX 10.0 11.5 mA Power Supply Rejection Ratio, RTO +VS = +4 V to +6 V, –VS = –5 V 49 69 dB –VS = – 4 V to –6 V, +VS = +5 V 40 50 dB +Input Current TMIN–TMAX 0.1 0.5 µA/V NOTES 1Output current is limited by the maximum power dissipation in the package. See the power derating curves. Specifications subject to change without notice. –2– REV. A (@ TA = +25 C, VS = 5 V, RL = 100 , unless otherwise noted) |