| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL082ACPSRG4 bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TL082ACPSRG4 bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 45 page ![]() TL081, TL081A, TL081B, TL082, TL082A, TL082B TL084, TL084A, TL084B JFET INPUT OPERATIONAL AMPLIFIERS SLOS081G − FEBRUARY 1977 − REVISED SEPTEMBER 2004 2 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 description/ordering information (continued) ORDERING INFORMATION TJ VIOmax AT 25 5C PACKAGE† ORDERABLE PART NUMBER TOP-SIDE MARKING PDIP (P) Tube of 50 TL081ACP TL081ACP PDIP (P) Tube of 50 TL082ACP TL082ACP PDIP (N) Tube of 25 TL084ACN TL084ACN Tube of 75 TL081ACD 081AC Reel of 2500 TL081ACDR 081AC 6 mV SOIC (D) Tube of 75 TL082ACD 082AC 6 mV SOIC (D) Reel of 2500 TL082ACDR 082AC Tube of 50 TL084ACD TL084AC Reel of 2500 TL084ACDR TL084AC 0 °C to 70°C SOP (PS) Reel of 2000 TL082ACPSR T082A 0 °C to 70°C SOP (NS) Reel of 2000 TL084ACNSR TL084A PDIP (P) Tube of 50 TL081BCP TL081BCP PDIP (P) Tube of 50 TL082BCP TL082BCP PDIP (N) Tube of 25 TL084BCN TL084BCN Tube of 75 TL081BCD 081BC 3 mV Reel of 2500 TL081BCDR 081BC 3 mV SOIC (D) Tube of 75 TL082BCD 082BC SOIC (D) Reel of 2500 TL082BCDR 082BC Tube of 50 TL084BCD TL084BC Reel of 2500 TL084BCDR TL084BC PDIP (P) Tube of 50 TL081IP TL081IP PDIP (P) Tube of 50 TL082IP TL082IP PDIP (N) Tube of 25 TL084IN TL081IN Tube of 75 TL081ID TL081I −40 °C to 85°C 6 mV Reel of 2500 TL081IDR TL081I −40 °C to 85°C 6 mV SOIC (D) Tube of 75 TL082ID TL082I SOIC (D) Reel of 2500 TL082IDR TL082I Tube of 50 TL084ID TL084I Reel of 2500 TL084IDR TL084I TSSOP (PW) Reel of 2000 TL082IPWR Z082 −40 °C to 125°C 9 mV SOIC (D) Tube of 50 TL084QD TL084QD −40 °C to 125°C 9 mV SOIC (D) Reel of 2500 TL084QDR TL084QD 9 mV CDIP (J) Tube of 25 TL084MJ TL084MJ −55 °C to 125°C 9 mV LCCC (FK) Reel of 55 TL084FK TL084FK −55 °C to 125°C 6 mV CDIP (JG) Tube of 50 TL082MJG TL082MJG 6 mV LCCC (FK) Tube of 55 TL082MFK TL082MFK † Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. |