| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TAS5706APAP bảng dữ liệu(PDF) 10 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TAS5706APAP bảng dữ liệu(HTML) 10 Page - Texas Instruments |
|
10 / 71 page ![]() ELECTRICAL CHARACTERISTICS TAS5706A TAS5706B SLOS606D – MARCH 2009 – REVISED SEPTEMBER 2009............................................................................................................................................. www.ti.com DC Characteristics, TA = 25°C, PVCC_X, AVCC = 18 V, RL = 8 Ω (unless otherwise noted) PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VOH High-level output voltage 3.3-V TTL and 5-V tolerant (1) IOH = –4 mA 2.4 V VOL Low-level output voltage 3.3-V TTL and 5-V tolerant (1) IOL = 4 mA 0.5 V | VOS | Class-D output offset voltage ±26 mV VBYPASS PVCC/8 reference for analog section No load 2.2 2.26 2.3 V 3.3-V TTL VI = VIL ±2 IIL Low-level input current µA 5-V tolerant(1) VI = 0 V, DVDD = 3 V ±2 3.3-V TTL VI = VIH ±2 IIH High-level input current µA 5-V tolerant VI = 5.5 V, DVDD = 3 V ±20 Normal mode 43 65 80 Power down 2 8 16 IDD Input supply current Supply voltage (DVDD, AVDD) mA (PDNZ = LOW) Reset (RESET = LOW) 11 23 33 ICC Quiescent supply current No load 14 33 57 mA ICC(RESET) Quiescent supply current in reset mode No load 58 176 µA ICC(PDNZ) Quiescent supply current in power down mode No load 58 176 µA PSRR DC power-supply rejection ratio PVCC = 17.5 V to 18.5 V 60 dB Drain-source on-state resistance, high-side 240 VCC = 18 V , IO = 500 mA, RDS(on) Low-side 240 m Ω TJ = 25°C Total 480 850 Turnon time (SE mode) (Set Reg 0x1A bit 7 to 1) 500 C(BYPASS) = 1 µF, tON ms Turnon time (BTL mode) (Set Reg 0x1A bit 7 to 0) 30 Time required for the C(BYPASS) to reach its final Turnoff time (SE mode) (Set Reg 0X1A bit 7 to 1) 500 tOFF ms value Turnoff time (BTL mode) (Set Reg 0X1A bit 7 to 0) 30 (1) 5-V tolerant pins are PDN, RESET, MUTE, SCLK, LRCLK, MCLK, SDIN1, SDIN2, SDA, SCL, and HPSEL. 10 Submit Documentation Feedback Copyright © 2009, Texas Instruments Incorporated Product Folder Link(s): TAS5706A TAS5706B TAS5706A is Not Recommended for New Designs |