công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD9244-40PCB bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD9244-40PCB
Giải thích chi tiết về linh kiện  High Speed ADC USB FIFO Evaluation Kit
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD9244-40PCB bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD9244-40PCB Datasheet HTML 2Page - Analog Devices AD9244-40PCB Datasheet HTML 3Page - Analog Devices AD9244-40PCB Datasheet HTML 4Page - Analog Devices AD9244-40PCB Datasheet HTML 5Page - Analog Devices AD9244-40PCB Datasheet HTML 6Page - Analog Devices AD9244-40PCB Datasheet HTML 7Page - Analog Devices AD9244-40PCB Datasheet HTML 8Page - Analog Devices AD9244-40PCB Datasheet HTML 9Page - Analog Devices AD9244-40PCB Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
HSC-ADC-EVALB-SC/HSC-ADC-EVALB-DC
Rev. 0 | Page 6 of 28
120-CONNECTOR
(PARALLEL CMOS
INPUTS)
TIMING ADJUSTMENT
JUMPERS
DRIVER CIRCUIT FOR
SERIAL PORT INTERFACE
(SPI) LINES
OPTIONAL SERIAL
PORT INTERFACE
(SPI) CONNECTOR
CYPRESS Fx2 HIGH SPEED
USB 2.0 µCONTROLLER
EPROM TO LOAD
USB FIRMWARE
Figure 3. FIFO Components (Bottom View)
FIFO 4.1 SUPPORTED ADC EVALUATION BOARDS
The evaluation boards in Table 1 can be used with the high speed ADC FIFO evaluation kit. Some evaluation boards require an adapter between
the ADC evaluation board connector and the FIFO connector. If an adapter is needed, send an email to highspeed.converters@analog.com with
the part number of the adapter and a mailing address.
Table 1. HSC-ADC-EVALB-DC- and HSC-ADC-EVALB-SC-Compatible Evaluation Boards1
Evaluation Board Model
Description of ADC
FIFO Board Version
Comments
AD6644ST/PCB
14-bit, 65 MSPS ADC
SC
AD6645-80/PCB
14-bit, 80 MSPS ADC
SC
AD6645-105/PCB
14-bit, 105 MSPS ADC
SC
AD9051/PCB
10-bit, 60 MSPS ADC
SC
Requires AD9051FFA
AD9200SSOP-EVAL
10-bit, 20 MSPS ADC
SC
Requires AD922xFFA
AD9200TQFP-EVAL
10-bit, 20 MSPS ADC
SC
Requires AD922xFFA
AD9201-EVAL
Dual 10-bit, 20 MSPS ADC1
SC
Requires AD922xFFA
AD9203-EB
10-bit, 40 MSPS ADC
SC
Requires AD922xFFA
AD9212-65EB1
Octal 10-bit, 65 MSPS ADC
DC
Requires HSC-ADC-FPGA-8
AD9215BCP-65EB
10-bit, 65 MSPS ADC
SC
AD9215BCP-80EB
10-bit, 80 MSPS ADC
SC
AD9215BCP-105EB
10-bit, 105 MSPS ADC
SC
AD9215BRU-65EB
10-bit, 65 MSPS ADC
SC
AD9215BRU-80EB
10-bit, 80 MSPS ADC
SC
AD9215BRU-105EB
10-bit, 105 MSPS ADC
SC
AD9216-80PCB
Dual 10-bit, 80 MSPS ADC
DC
AD9216-105PCB
Dual 10-bit, 105 MSPS ADC
DC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28