| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74ALS20ADE4 bảng dữ liệu(PDF) 6 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74ALS20ADE4 bảng dữ liệu(HTML) 6 Page - Texas Instruments |
|
6 / 18 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 25-Sep-2013 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-8858901DA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-8858901DA SNJ54ALS20AW JM38510/37003B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 37003B2A JM38510/37003BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 37003BCA M38510/37003B2A ACTIVE LCCC FK 20 1 TBD POST-PLATE N / A for Pkg Type -55 to 125 JM38510/ 37003B2A M38510/37003BCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 37003BCA SN54ALS20AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54ALS20AJ SN74ALS20AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ADRG4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20AN ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS20AN SN74ALS20ANE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74ALS20AN SN74ALS20ANSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ANSRE4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A SN74ALS20ANSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 ALS20A |