công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8348 bảng dữ liệu(PDF) 20 Page - Analog Devices

tên linh kiện AD8348
Giải thích chi tiết về linh kiện  50 MHz to 1000 MHz Quadrature Demodulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8348 bảng dữ liệu(HTML) 20 Page - Analog Devices

Back Button AD8348 Datasheet HTML 16Page - Analog Devices AD8348 Datasheet HTML 17Page - Analog Devices AD8348 Datasheet HTML 18Page - Analog Devices AD8348 Datasheet HTML 19Page - Analog Devices AD8348 Datasheet HTML 20Page - Analog Devices AD8348 Datasheet HTML 21Page - Analog Devices AD8348 Datasheet HTML 22Page - Analog Devices AD8348 Datasheet HTML 23Page - Analog Devices AD8348 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
AD8348
Rev. A | Page 20 of 28
APPLICATIONS
BASIC CONNECTIONS
Figure 49 shows the basic connections schematic for the AD8348.
C32
1000pF
C31
1000pF
R31
57.6Ω
1
3
5
4
J21
LO
C21
1000pF
C22
1000pF
R21
60.4Ω
+VS
C0Q
0.1µF
C11
4.7µF
IFIP
R32
174Ω
T21
ETC1-1-13
IFIP
MXIP
VPOS2 VGIN
IOFS
QOFS
VREF
ENBL
LOIN
LOIP
VPOS1 COM1
IOPN
QOPN
IOPP
QOPP
VCMO ENVG
IAIN
QAIN
COM3 COM3
IMXO
QMXO
COM2 VPOS3
IFIN
MXIN
AD8348
C0l
0.1µF
J2I
IOPP
J3I
IOPN
J2Q
QOPP
J3Q
QOPN
C53
100pF
C54
0.1µF
+VS
C51
100pF
C52
0.1µF
+VS
VREF
SW12
+VS
IF
MX
SW11
+VS
ENBL
DENBL
C55
100pF
C56
0.1µF
VGIN
MXIP
R42
0Ω
T41
ETK4-2T
C41
1µF
C43
1000pF
C42
1000pF
18
17
16
15
28
27
26
25
24
23
22
21
20
19
11
12
13
14
1
2
3
4
5
6
7
8
9
10
Figure 49. Basic Connections Schematic
POWER SUPPLY
The voltage supply for the AD8348, between 2.7 V and 5 V, should
be provided to the +VPOSx pins, and ground should be connected
to the COMx pins. Each supply pin should be decoupled separately
using two capacitors whose recommended values are 100 pF and
0.1 μF (values close to these can also be used).
DEVICE ENABLE
To enable the device, the ENBL pin should be driven to VS.
Grounding the ENBL pin disables the device.
VGA ENABLE
Driving the voltage on the ENVG pin to VS enables the VGA. In
this mode, the MX inputs are disabled and the IF inputs are
used. Grounding the ENVG pin disables the VGA and the IF
inputs. When the VGA is disabled, the MX inputs should be used.
GAIN CONTROL
When the VGA is enabled, the voltage applied to the VGIN pin sets
the gain. The gain control voltage range is between 0.2 V and 1.2 V.
This corresponds to a gain range between +25.5 dB and −18.5 dB.
LO INPUTS
For optimum performance, the local oscillator port should be
driven differentially through a balun. The recommended balun
is M/A-COM ETC1-1-13. The LO inputs to the device should
be ac-coupled, unless an ac-coupled transformer is being used.
For a broadband match to a 50 Ω source, a 60.4 Ω resistor
should be placed between the LOIP and LION pins.
1
28
LOIP
LOIN
60.4Ω
31
45
1000pF
1000pF
ETC1-1-13
LO
Figure 50. Differential LO Drive with Balun
Alternatively, the LO port can be driven from a single-ended source
without a balun (Figure 51). The LO signal is ac-coupled directly
into the LOIP pin via an ac-coupling capacitor, and the LOIN pin
is ac-coupled to ground. Driving the LO port from a single-
ended source results in an increase in both quadrature phase
error and LO leakage.
1
28
LOIP
LOIN
60.4Ω
1000pF
1000pF
LO
Figure 51. Single-Ended LO Drive
The recommended LO drive level is between −12 dBm and
0 dBm. The LO frequency at the input to the device should be
twice that of the desired LO frequency at the mixer core. The
applied LO frequency range is between 100 MHz and 2 GHz.
IF INPUTS
The IF inputs have an input impedance of 200 Ω. A broadband
50 Ω match can be presented to the driving source through the use
of a minimum-loss L pad. This minimum-loss pad introduces
an 11.46 dB loss in the input path and must be taken into account
when calculating metrics such as gain and noise figure. Figure 42
shows the S11 of the IF input with and without the L pad.
11
10
1000pF
1000pF
174Ω
57.6Ω
IFIP
IFIP
IFIN
Figure 52. Minimum-Loss L Pad for 50 Ω IF Input
MX INPUTS
The mixer inputs, MXIP and MXIN, have a nominal impedance
of 200 Ω and should be driven differentially. When driven from
a differential source, the input should be ac-coupled to the
source via capacitors, as shown in Figure 53.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com