| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AD810AR bảng dữ liệu(PDF) 2 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD810AR bảng dữ liệu(HTML) 2 Page - Analog Devices |
|
2 / 16 page ![]() REV. A –2– AD810–SPECIFICATIONS (@ T A = +25 C and VS = 15 V dc, RL = 150 unless otherwise noted) AD810A AD810S 1 Parameter Conditions VS Min Typ Max Min Typ Max Units DYNAMIC PERFORMANCE 3 dB Bandwidth (G = +2) RFB = 715 ±5 V 4050 4050 MHz (G = +2) RFB = 715 ±15 V 5575 5575 MHz (G = +1) RFB = 1000 ±15 V 4080 4080 MHz (G = +10) RFB = 270 ±15 V 5065 5065 MHz 0.1 dB Bandwidth (G = +2) RFB = 715 ±5 V 1322 1322 MHz (G = +2) RFB = 715 ±15 V 1530 1530 MHz Full Power Bandwidth VO = 20 V p-p, RL = 400 Ω± 15 V 16 16 MHz Slew Rate 2 RL = 150 Ω± 5 V 350 350 V/ µs RL = 400 Ω± 15 V 1000 1000 V/ µs Settling Time to 0.1% 10 V Step, G = –1 ±15 V 50 50 ns Settling Time to 0.01% 10 V Step, G = –1 ±15 V 125 125 ns Differential Gain f = 3.58 MHz ±15 V 0.02 0.05 0.02 0.05 % f - 3.58 MHz ±5 V 0.04 0.07 0.04 0.07 % Differential Phase f = 3.58 MHz ±15 V 0.04 0.07 0.04 0.07 Degrees f = 3.58 MHz ±5 V 0.045 0.08 0.045 0.08 Degrees Total Harmonic Distortion f = 10 MHz, VO = 2 V p-p RL = 400 Ω, G = +2 ±15 V –61 –61 dBc INPUT OFFSET VOLTAGE ±5 V, ±15 V 1.5 6 1.5 6 mV TMIN–TMAX ±5 V, ±15 V 2 7.5 4 15 mV Offset Voltage Drift 715 µV/°C INPUT BIAS CURRENT –Input TMIN–TMAX ±5 V, ±15 V 0.7 5 0.8 5 µA +Input TMIN–TMAX ±5 V, ±15 V 2 7.5 2 10 µA OPEN-LOOP TMIN–TMAX TRANSRESISTANCE VO = ± 10 V, RL = 400 Ω± 15 V 1.0 3.5 1.0 3.5 M Ω VO = ± 2.5 V, RL = 100 Ω± 5 V 0.3 1.2 0.2 1.0 M Ω OPEN-LOOP TMIN–TMAX DC VOLTAGE GAIN VO = ± 10 V, RL = 400 Ω± 15 V 86 100 80 100 dB VO = ± 2.5 V, RL = 100 Ω± 5 V 7688 7288 dB COMMON-MODE REJECTION TMIN–TMAX VOS VCM = ± 12 V ±15 V 5664 5664 dB VCM = ± 2.5 V ±5 V 5260 5060 dB ±Input Current TMIN–TMAX ±5 V, ±15 V 0.1 0.4 0.1 0.4 µA/V POWER SUPPLY REJECTION ±4.5 V to ±18 V VOS TMIN–TMAX 65 72 60 72 dB ±Input Current TMIN–TMAX 0.05 0.3 0.05 0.3 µA/V INPUT VOLTAGE NOISE f = 1 kHz ±5 V, ±15 V 2.9 2.9 nV/ √Hz INPUT CURRENT NOISE –IIN, f = 1 kHz ±5 V, ±15 V 13 13 pA/ √Hz +IIN, f = 1 kHz ±5 V, ±15 V 1.5 1.5 pA/ √Hz INPUT COMMON-MODE ±5 V ±2.5 ±3.0 ±2.5 ±3V VOLTAGE RANGE ±15 V ±12 ±13 ±12 ±13 V OUTPUT CHARACTERISTICS Output Voltage Swing 3 RL = 150 Ω, TMIN–TMAX ±5 V ±2.5 ±2.9 ±2.5 ±2.9 V RL = 400 Ω± 15 V ±12.5 ±12.9 ±12.5 ±12.9 V RL = 400 Ω, TMIN–TMAX ±15 V ±12 ±12 V Short-Circuit Current ±15 V 150 150 mA Output Current TMIN–TMAX ±5 V, ±15 V 4060 3060 mA OUTPUT RESISTANCE Open Loop (5 MHz) 15 15 Ω INPUT CHARACTERISTICS Input Resistance +Input ±15 V 2.5 10 2.5 10 M Ω –Input ±15 V 40 40 Ω Input Capacitance +Input ±15 V 2 2 pF DISABLE CHARACTERISTICS 4 OFF Isolation f = 5 MHz, See Figure 43 64 64 dB OFF Output Impedance See Figure 43 (RF + RG) 13 pF (RF+ RG) 13 pF |