| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
REF02CS bảng dữ liệu(PDF) 20 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
REF02CS bảng dữ liệu(HTML) 20 Page - Analog Devices |
|
20 / 20 page ![]() REF01/REF02/REF03 Rev. K | Page 20 of 20 REF01 ORDERING GUIDE Model1, 2 Initial Accuracy (mV) Temperature Range Package Description Package Option REF01AJ/883C ±30 −55°C to +125°C 8-Pin TO-99 J-Suffix (H-08) REF01CJ ±100 0°C to 70°C 8-Pin TO-99 J-Suffix (H-08) REF01EZ ±30 −40°C to +85°C 8-Lead CERDIP Z-Suffix (Q-8) REF01HZ ±50 −40°C to +85°C 8-Lead CERDIP Z-Suffix (Q-8) REF01CPZ ±100 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF01HPZ ±50 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF01CS ±100 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF01CS-REEL ±100 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF01CS-REEL7 ±100 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF01CSZ ±100 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF01CSZ-REEL ±100 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF01CSZ-REEL7 ±100 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) 1 Contact sales for 883 data sheet. 2 Z = RoHS Compliant Part. REF02 ORDERING GUIDE Model1, 2 Initial Accuracy (mV) Temperature Range Package Description Package Option REF02AJ/883C ±15 −55°C to +125°C 8-Pin TO-99 J-Suffix (H-08) REF02AZ ±15 −55°C to +125°C 8-Lead CERDIP Z-Suffix (Q-8) REF02AZ/883C ±15 −55°C to +125°C 8-Lead CERDIP Z-Suffix (Q-8) REF02CP ±50 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF02CPZ ±50 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF02CS ±50 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02CS-REEL ±50 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02CS-REEL7 ±50 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02CSZ ±50 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02CSZ-REEL ±50 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02CSZ-REEL7 ±50 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02EZ ±15 −40°C to +85°C 8-Lead CERDIP Z-Suffix (Q-8) REF02HZ ±25 −40°C to +85°C 8-Lead CERDIP Z-Suffix (Q-8) REF02HPZ ±25 −40°C to +85°C 8-Lead PDIP P-Suffix (N-8) REF02HSZ ±25 −40°C to +85°C 8-Lead SOIC_N S-Suffix (R-8) REF02RC/883 ±25 −55°C to +125°C 20-Terminal LCC RC-Suffix (E-20-1) REF02Z ±25 −55°C to +125°C 8-Lead CERDIP Z-Suffix (Q-8) 1 Contact sales for 883 data sheet. 2 Z = RoHS Compliant Part. REF03 ORDERING GUIDE Model1 Initial Accuracy (mV) Temperature Range Package Description Package Option REF03GPZ ±15 −40°C to +85°C 8-Lead PDIP N-8 (P-Suffix) REF03GSZ ±15 −40°C to +85°C 8-Lead SOIC_N R-8 (P-Suffix) REF03GSZ-REEL ±15 −40°C to +85°C 8-Lead SOIC_N R-8 (P-Suffix) REF03GSZ-REEL7 ±15 −40°C to +85°C 8-Lead SOIC_N R-8 (P-Suffix) 1 Z = RoHS Compliant Part. ©2000–2010 Analog Devices, Inc. All rights reserved. Trademarks and registered trademarks are the property of their respective owners. D00375-0-10/10(K) |