| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADV7281 bảng dữ liệu(PDF) 21 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADV7281 bảng dữ liệu(HTML) 21 Page - Analog Devices |
|
21 / 32 page ![]() Data Sheet ADV7281 Rev. A | Page 21 of 32 ADAPTIVE CONTRAST ENHANCEMENT (ACE) The ADV7281/ADV7281-M/ADV7281-MA can increase the contrast of an image depending on the content of the picture, allowing bright areas to be made brighter and dark areas to be made darker. The optional ACE feature enables the contrast within dark areas to be increased without significantly affecting the bright areas. The ACE feature is particularly useful in automotive applications, where it can be important to discern objects in shaded areas. The ACE function is disabled by default. To enable the ACE function, execute the register writes shown in Table 18. To disable the ACE function, execute the register writes shown in Table 19. Table 18. Register Writes to Enable the ACE Function Register Map Register Address Register Write Description User Sub Map (0x40 or 0x42) 0x0E 0x40 Enter User Sub Map 2 User Sub Map 2 (0x40 or 0x42) 0x80 0x80 Enable ACE User Sub Map 2 (0x40 or 0x42) 0x0E 0x00 Reenter user sub map Table 19. Register Writes to Disable the ACE Function Register Map Register Address Register Write Description User Sub Map (0x40 or 0x42) 0x0E 0x40 Enter User Sub Map 2 User Sub Map 2 (0x40 or 0x42) 0x80 0x00 Disable ACE User Sub Map 2 (0x40 or 0x42) 0x0E 0x00 Reenter user sub map |