| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC16F1847-I/SS bảng dữ liệu(PDF) 9 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC16F1847-I/SS bảng dữ liệu(HTML) 9 Page - Microchip Technology |
|
9 / 438 page ![]() 2011-2013 Microchip Technology Inc. DS40001453E-page 9 PIC16(L)F1847 1.0 DEVICE OVERVIEW The PIC16(L)F1847 are described within this data sheet. They are available in 18/20/28-pin packages. Figure 1-1 shows a block diagram of the PIC16(L)F1847 devices. Table 1-2 shows the pinout descriptions. Reference Table 1-1 for peripherals available per device. TABLE 1-1: DEVICE PERIPHERAL SUMMARY Peripheral ADC ● Capacitive Sensing Module ● Digital-to-Analog Converter (DAC) ● Digital Signal Modulator (DSM) ● EUSART ● Fixed Voltage Reference (FVR) ● Reference Clock Module ● SR Latch ● Capture/Compare/PWM Modules ECCP1 ● ECCP2 ● CCP3 ● CCP4 ● Comparators C1 ● C2 ● Master Synchronous Serial Ports MSSP1 ● MSSP2 ● Timers Timer0 ● Timer1 ● Timer2 ● Timer4 ● Timer6 ● |