công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

GTCX36-551M-R10 bảng dữ liệu(PDF) 2 Page - Tyco Electronics

tên linh kiện GTCX36-551M-R10
Giải thích chi tiết về linh kiện  Gas Discharge Tubes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MACOM [Tyco Electronics]
Trang chủ  http://www.macom.com
Logo MACOM - Tyco Electronics

GTCX36-551M-R10 bảng dữ liệu(HTML) 2 Page - Tyco Electronics

  GTCX36-551M-R10 Datasheet HTML 1Page - Tyco Electronics GTCX36-551M-R10 Datasheet HTML 2Page - Tyco Electronics GTCX36-551M-R10 Datasheet HTML 3Page - Tyco Electronics GTCX36-551M-R10 Datasheet HTML 4Page - Tyco Electronics GTCX36-551M-R10 Datasheet HTML 5Page - Tyco Electronics GTCX36-551M-R10 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GTCX35-XXX-R05 Series
Gas Discharge Tubes
Gas Discharge Tubes
Document: SCD27380
© 2008, 2011 Tyco Electronics Corporation.
Status: Released
a TE Connectivity Ltd. Company. All rights reserved.
Rev: C
Date: MAY 18, 2011
2
GTCX36-XXXM-R10 Series
Device Voltage Ratings and Part Marking
Device Surge Rating, Capacitance, Insulation Resistance, UL
Part Number
DC Sparkover
Impulse
Sparkover
DC Holdover
Voltage
On-State Voltage
@100V/s
±20% Tolerance
(V)
@100 V s (V)
@1000 V s (V)
Per ITU K.12
(<150ms)
(V)
Nominal
(@ 1A)
(V)
GTCX36-750M-R10
75
450
550
<52
20
GTCX36-900M-R10
90
450
550
<52
20
GTCX36-141M-R10
140
500
600
<80
20
GTCX36-151M-R10
150
500
600
<80
20
GTCX36-201M-R10
200
600
700
<135
20
GTCX36-231M-R10
230
600
700
<135
20
GTCX36-251M-R10
250
600
700
<135
20
GTCX36-261M-R10
260
700
800
<135
20
GTCX36-301M-R10
300
800
900
<150
20
GTCX36-351M-R10
350
900
1000
<150
20
GTCX36-401M-R10
400
900
1000
<150
20
GTCX36-421M-R10
420
900
1000
<150
20
GTCX36-471M-R10
470
1050
1150
<150
20
GTCX36-501M-R10
500
1100
1200
<150
20
GTCX36-551M-R10
550
1300
1400
<150
20
GTCX36-601M-R10
600
1300
1400
<150
20
Part Number
Impulse
Discharge
Current
Impulse
Life
AC
Discharge
Current
(1sec duration;
10 hits)
Capacitance
Insulation
Resistance
UL
Rating
8x20 s
10 hits
10x1000 s
300 hits
@50 Hz
@1Mhz
@100V*
UL497B
#E179610
GTCX36-XXXM-R10
10kA
200A
10Arms
<1pF
10,000 (M )
All Devices
* Devices <=150V measured @ 50V.
Devices >= 500V measured @ 250V



Html Pages

1 2 3 4 5 6