| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APX9268 bảng dữ liệu(PDF) 10 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APX9268 bảng dữ liệu(HTML) 10 Page - Anpec Electronics Coropration |
|
10 / 13 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.7 - Mar., 2008 www.anpec.com.tw 10 APX9268 Package Information MSOP-8 L VIEW A GAUGE PLANE SEATING PLANE D e SEE VIEW A b c S Y M B O L MIN. MAX. 1.10 0.00 0.22 0.38 0.08 0.23 0.15 A A1 b c D E E1 e L MILLIMETERS A2 0.75 0.95 0.65 BSC MSOP-8 0.40 0.80 0.026 BSC MIN. MAX. INCHES 0.043 0.000 0.030 0.037 0.009 0.015 0.003 0.009 0.016 0.031 0 0.006 0 ° 8 ° 0 ° 8 ° 4.70 5.10 2.90 3.10 2.90 3.10 0.114 0.122 0.185 0.201 0.114 0.122 Note: 1. Follow JEDEC MO-187 AA. 2. Dimension “D”does not include mold flash, protrusions or gate burrs. Mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. Dimension “E1”does not include inter-lead flash or protrusions. Inter-lead flash and protrusions shall not exceed 5 mil per side. |