công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APL3216 bảng dữ liệu(PDF) 6 Page - Anpec Electronics Coropration

tên linh kiện APL3216
Giải thích chi tiết về linh kiện  Li Charger Protection IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANPEC [Anpec Electronics Coropration]
Trang chủ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3216 bảng dữ liệu(HTML) 6 Page - Anpec Electronics Coropration

Back Button APL3216 Datasheet HTML 2Page - Anpec Electronics Coropration APL3216 Datasheet HTML 3Page - Anpec Electronics Coropration APL3216 Datasheet HTML 4Page - Anpec Electronics Coropration APL3216 Datasheet HTML 5Page - Anpec Electronics Coropration APL3216 Datasheet HTML 6Page - Anpec Electronics Coropration APL3216 Datasheet HTML 7Page - Anpec Electronics Coropration APL3216 Datasheet HTML 8Page - Anpec Electronics Coropration APL3216 Datasheet HTML 9Page - Anpec Electronics Coropration APL3216 Datasheet HTML 10Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.7 - Dec., 2011
APL3216
www.anpec.com.tw
6
Function Description
ACIN Power-On-Reset (POR)
The APL3216 is built-in a power-on-reset circuit to keep
the output shut off until internal circuitry is operating
properly. The POR circuit has hysteresis and a de-glitch
feature so that it will typically ignore undershoot transients
on the input. When input voltage exceeds the POR thresh-
old and after 8ms blanking time, the output voltage starts
a soft-start to reduce the inrush current.
ACIN Over-Voltage Protection (OVP)
The CHR_LDO output of the IC operates similar to a lin-
ear regulator. If the input voltage rises above V
OVP, the
internal transistor will be turned off within 5
µs to protect
connected system on OUT pin. When the input voltage
returns below the input OVP threshold minus the
hysteresis, the transistor is turned on again after 1ms
recovery time. The input OVP circuit has a 200mV hyster-
esis and a recovery time of T
ON(OVP) to provide noise im-
munity against transient conditions.
Charging Current Control
The charging current is controlled by the GATDRV pin.
When sourcing a current from the GATDRV pin, the OUT
pin delivers the charging current which is 200-fold mag-
nified in amplitude based on GATDRV?¦s current. The I
OUT
current can be calculated by this following equation:
I
OUT=200*IGATDRV
where
The I
OUT is the current flowing out from OUT pin.
The I
GATDRV is the current flowing out from GATDRV pin.
Current Limit
The output current is monitored by the internal Current
Limit circuit. When the output current reaches the over
current trip threshold, the device limits the output current
at current limit threshold.
Temperature Protection
When the junction temperature exceeds 160oC, the inter-
nal thermal sense circuit turns off the power FET and
allows the device to cool down. When the device’s junc-
tion temperature cools by 40oC, the internal thermal
sense circuit will enable the device, resulting in a pulsed
output during continuous thermal protection. Thermal
protection is designed to protect the IC in the event of
over temperature conditions. For normal operation, the
junction temperature cannot exceed T
J=+125
oC.
The APL3216 VIN input pin fully supports the IEC61000-
4-2. That means the VIN pin has immunity of ±15kV ESD
discharge in Air condition, and immunity of ±8kV ESD dis-
charge in Contact condition.
ESD Tests



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com