công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

APL3200 bảng dữ liệu(PDF) 18 Page - Anpec Electronics Coropration

tên linh kiện APL3200
Giải thích chi tiết về linh kiện  Dual-Input, USB/AC Adapter, 1-Cell Li Charger with OVP and Thermal Regulation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ANPEC [Anpec Electronics Coropration]
Trang chủ  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL3200 bảng dữ liệu(HTML) 18 Page - Anpec Electronics Coropration

Back Button APL3200 Datasheet HTML 14Page - Anpec Electronics Coropration APL3200 Datasheet HTML 15Page - Anpec Electronics Coropration APL3200 Datasheet HTML 16Page - Anpec Electronics Coropration APL3200 Datasheet HTML 17Page - Anpec Electronics Coropration APL3200 Datasheet HTML 18Page - Anpec Electronics Coropration APL3200 Datasheet HTML 19Page - Anpec Electronics Coropration APL3200 Datasheet HTML 20Page - Anpec Electronics Coropration APL3200 Datasheet HTML 21Page - Anpec Electronics Coropration APL3200 Datasheet HTML 22Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Copyright
© ANPEC Electronics Corp.
Rev. A.5 - Apr., 2009
APL3200
www.anpec.com.tw
18
Applicaiton Information (Cont.)
Thermal Consideration (Cont.)
PCB Layout Consideration
The APL3200 is packaged in a thermally enhanced QFN
package. The package includes a thermal pad to provide
an effective thermal contact between the device and the
printed circuit board. Connecting the exposed pad to a
large copper ground plane on the backside of the circuit
board through several thermal vias for heatsinking is
recommended. Connecting the battery to BATT as close
to the device as possible provides accurate battery volt-
age sensing. All decoupling capacitors and filter capaci-
tors should be placed as close as possible to the device.
The high-current charge paths into DC, DCLV, USB, and
from the BATT pins must short and wide to minimize volt-
age drops.
P
D=(VDCLV-VBATT) x ICHG_DC (or ICHG_USB)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com