| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APA2176 bảng dữ liệu(PDF) 2 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APA2176 bảng dữ liệu(HTML) 2 Page - Anpec Electronics Coropration |
|
2 / 28 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.7 - Jan., 2013 www.anpec.com.tw 2 APA2176/2176A Pin Configuration Ordering and Marking Information Note: ANPEC lead-free products contain molding compounds/die attach materials and 100% matte tin plate termination finish; which are fully compliant with RoHS. ANPEC lead-free products meet or exceed the lead-free requirements of IPC/JEDEC J-STD-020D for MSL classification at lead-free peak reflow temperature. ANPEC defines “Green” to mean lead-free (RoHS compliant) and halogen free (Br or Cl does not exceed 900ppm by weight in homogeneous material and total of Br and Cl does not exceed 1500ppm by weight). APA2176 Handling Code Temperature Range Package Code Package Code QB : TQFN4x4-20B O : TSSOP-16 QB : TQFN3x3-16 (APA2176A) Operating Ambient Temperature Range I : -40 to 85 oC Handling Code TR : Tape & Reel Assembly Material G : Halogen and Lead Free Device XXXXX - Date Code Assembly Material APA2176 APA2176 XXXXX APA2176A XXXXX - Date Code APA2176 XXXXX - Date Code APA2176A APA 2176A XXXXX QB : QB : O : APA2176 XXXXX =Thermal Pad (connected the Thermal Pad to ground plane for better heat dissipation) PVDD 2 NC 3 CP+ 4 PGND 5 CP- 6 CVSS 7 VSS 8 9 LOUT 10 VDD 11 ROUT 12 LIN 13 RSD 14 RIN 15 GND 16 LSD NC 1 TSSOP-16 (Top View) APA2176 TQFN4x4-20B (Top View) APA2176 6 NC 7 VSS 8 NC 9 LOUT 10 VDD GND 17 LSD 18 PVDD 19 NC 20 NC 16 APA2176A 5 CVSS 6 VSS 7 LOUT 8 VDD NC 13 GND 14 LSD 15 PVDD 16 TQFN3x3-16 (Top View) |