| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APA2172 bảng dữ liệu(PDF) 21 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APA2172 bảng dữ liệu(HTML) 21 Page - Anpec Electronics Coropration |
|
21 / 22 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.8 - Aug., 2013 www.anpec.com.tw 21 APA2172 Classification Profile Profile Feature Sn-Pb Eutectic Assembly Pb-Free Assembly Preheat & Soak Temperature min (Tsmin) Temperature max (Tsmax) Time (Tsmin to Tsmax) (ts) 100 °C 150 °C 60-120 seconds 150 °C 200 °C 60-120 seconds Average ramp-up rate (Tsmax to TP) 3 °C/second max. 3 °C/second max. Liquidous temperature (TL) Time at liquidous (tL) 183 °C 60-150 seconds 217 °C 60-150 seconds Peak package body Temperature (Tp)* See Classification Temp in table 1 See Classification Temp in table 2 Time (tP)** within 5 °C of the specified classification temperature (Tc) 20** seconds 30** seconds Average ramp-down rate (Tp to Tsmax) 6 °C/second max. 6 °C/second max. Time 25 °C to peak temperature 6 minutes max. 8 minutes max. * Tolerance for peak profile Temperature (Tp) is defined as a supplier minimum and a user maximum. ** Tolerance for time at peak profile temperature (tp) is defined as a supplier minimum and a user maximum. Classification Reflow Profiles |