| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
1-87159-7 bảng dữ liệu(PDF) 41 Page - Tyco Electronics |
|
|
|||||||||||||||||||||||||||||
1-87159-7 bảng dữ liệu(HTML) 41 Page - Tyco Electronics |
|
41 / 321 page ![]() 41 1307819 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 Germany: 49-6251-133-1999 CIS WR 08/2011 millimeters unless otherwise reference purposes only. Canada: 1-905-475-6222 China: 86-400-820-6015 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 te.com are metric equivalents. to change. L. & S. America: 54-11-4733-2200 UK: 44-800-267-666 AMPMODU Interconnection System 3 Recommended PC Board Hole Layouts, Thru-Hole Board-to-Board Connectors Single Row, Right-Angle with Solder Clips Note: Consult TE for customer drawings detailing tolerances. * This dimension is for Shrouded, Single Row Right-Angle Headers only. ** This dimension is for Single Row Right-Angle Receptacles only. Double Row, Right-Angle with Solder Clips Note: Consult TE for customer drawings detailing tolerances. * This dimension is for Shrouded, Double Row Right-Angle Headers only. ** This dimension is for Double Row Right-Angle Receptacles only. No. of Dimensions Pos. BC D E 10 .200 [5.08] — .100 [2.54] — 20 .450 [11.43] .350 [8.89] .050 [1.27] — 24 .550 [13.97] .450 [11.43] .050 [1.27] — 26 .600 [15.24] .500 [12.70] .050 [1.27] — 30 .700 [17.78] .600 [15.24] .050 [1.27] — 34 .800 [20.32] .700 [17.78] .050 [1.27] — 40 .950 [24.13] .850 [21.59] .050 [1.27] — 50 1.200 [30.48] 1.100 [27.94] .050 [1.27] — 60 1.450 [36.83] 1.350 [34.29] .050 [1.27] .675 [17.15] 68 1.650 [41.91] 1.550 [39.37] .050 [1.27] .775 [19.69] 72 1.750 [44.45] 1.650 [41.91] .050 [1.27] .825 [20.96] 80 1.950 [49.53] 1.850 [46.99] .050 [1.27] .925 [23.50] 100 2.450 [62.23] 2.350 [59.69] .050 [1.27] 1.175 [29.85] .037 Dia. [0.94] Typ. (Soldered mechanical solder clip) Plated-Thru Hole .022 Dia. [0.56] Typ. Plated-Thru Hole PC Board Edge .022 Dia. [0.56] Typ. Plated-Thru Hole PC Board Edge .335** [8.51] No. of Dimensions Pos. BC D E 4 .150 [3.81] — .075 [1.91] — 5 .200 [5.08] — .100 [2.54] — 6 .250 [6.35] — .125 [3.18] — 8 .350 [8.89] — .175 [4.45] — 10 .450 [11.43] .350 [8.89] .050 [1.27] — 12 .550 [13.97] .450 [11.43] .050 [1.27] — 15 .700 [17.78] .600 [15.24] .050 [1.27] — 20 .950 [24.13] .850 [21.59] .050 [1.27] — 22 1.050 [26.67] .950 [24.13] .050 [1.27] — 25 1.200 [30.48] 1.100 [27.94] .050 [1.27] — 28 1.350 [34.29] 1.250 [31.75] .050 [1.27] .625 [15.88] 30 1.450 [36.83] 1.350 [34.29] .050 [1.27] .675 [17.15] 36 1.750 [44.45] 1.650 [41.91] .050 [1.27] .825 [20.96] 40 1.950 [49.53] 1.850 [46.99] .050 [1.27] .925 [23.50] 45 2.200 [55.88] 2.100 [53.34] .050 [1.27] 1.050 [26.67] 50 2.450 [62.23] 2.350 [59.69] .050 [1.27] 1.175 [29.85] .037 Dia. [0.94] Typ. (Soldered mechanical solder clip) Plated-Thru Hole |