| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
E3F2-R2RB4-M bảng dữ liệu(PDF) 4 Page - Omron Electronics LLC |
|
|
|||||||||||||||||||||||||||||
E3F2-R2RB4-M bảng dữ liệu(HTML) 4 Page - Omron Electronics LLC |
|
4 / 24 page ![]() 4 Photoelectric Sensors E3F2 ■ Housing material: Metal (Stainless steel) Note: Shaded models are normally stocked. Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g. E3F2-R2RB4-S 2M or E3F2-R2RB4-S 5M). For other cable length please contact your OMRON sales representa- tive. ■ AC-Switching Models Housing material: Plastic Note: Shaded models are normally stocked. Note: Standard cable length is 2 m. Models provided with a 5 m long cable are available. When ordering, specify the cable length by adding the length of the cable (e.g. E3F2-R2Z1 2M or E3F2-R2Z1 5M). For other cable length please contact your OMRON sales representative. Sensing method Appearance Connection method Sensing distance Model PNP output NPN output Through-beam axial pre-wired 7 m E3F2-7B4-S E3F2-7C4-S M12 connector E3F2-7B4-M1-S E3F2-7C4-M1-S Retro- reflective (incl. reflector E39-R1) Polarizing (with MSR function) axial pre-wired 0.1 - 2 m (with reflector E39-R1) E3F2-R2RB4-S E3F2-R2RC4-S M12 connector E3F2-R2RB4-M1-S E3F2-R2RC4-M1-S Diffuse reflective Fixed sensitivity Wide-beam characteristics axial pre-wired 0.1 m E3F2-DS10B4-S E3F2-DS10C4-S M12 connector E3F2-DS10B4-M1-S E3F2-DS10C4-M1-S Adjustable sensitivity pre-wired 0.3 m E3F2-DS30B4-S E3F2-DS30C4-S M12 connector E3F2-DS30B4-M1-S E3F2-DS30C4-M1-S Sensing method Appearance Connection method Sensing distance Model Light-ON Dark-ON Through-beam pre-wired 3 m E3F2-3Z1 E3F2-3Z2 axial Retro- reflective (incl. reflector E39-R1) Non-polarizing (without MSR function) axial pre-wired 0.1 - 2 m (with reflector E39-R1) E3F2-R2Z1 E3F2-R2Z2 Diffuse reflective Fixed sensing distance Wide-beam characteristics axial pre-wired 0.1 m E3F2-DS10Z1-N E3F2-DS10Z2-N |