| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APW8821 bảng dữ liệu(PDF) 18 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APW8821 bảng dữ liệu(HTML) 18 Page - Anpec Electronics Coropration |
|
18 / 24 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.1 - Feb., 2011 APW8821 www.anpec.com.tw 18 = Locate the resistor-divider close to the FB pin to mini- mize the high impedance trace. In addition, FB pin traces can’t be close to the switching signal traces (UGATE, LGATE/OCSET, BOOT, and PHASE). = The input bulk capacitors should be close to the drain of the high-side MOSFET, and the output bulk capacitors should be close to the loads. The input capacitor’s ground should be close to the grounds of the output capacitors and low-side MOSFET. Layout Consideration (Cont.) = The R OCSET resistance should be placed near the IC as close as possible. Figure 3. Application Information (Cont.) Close to IC VCC BOOT PHASE UGATE LGATE/OCSET VIN VOUT L O A D APW8821 ROCSET |