| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
APL3521 bảng dữ liệu(PDF) 14 Page - Anpec Electronics Coropration |
|
|
|||||||||||||||||||||||||||||
APL3521 bảng dữ liệu(HTML) 14 Page - Anpec Electronics Coropration |
|
14 / 18 page ![]() Copyright © ANPEC Electronics Corp. Rev. A.1 - Aug., 2012 APL3521 www.anpec.com.tw 14 Package Information SOP-8 L VIEW A SEATING PLANE GAUGE PLANE Note: 1. Follow JEDEC MS-012 AA. 2. Dimension “D” does not include mold flash, protrusions or gate burrs. Mold flash, protrusion or gate burrs shall not exceed 6 mil per side. 3. Dimension “E” does not include inter-lead flash or protrusions. Inter-lead flash and protrusions shall not exceed 10 mil per side. S Y M B O L MIN. MAX. 1.75 0.10 0.17 0.25 0.25 A A1 c D E E1 e h L MILLIMETERS b 0.31 0.51 SOP-8 0.25 0.50 0.40 1.27 MIN. MAX. INCHES 0.069 0.004 0.012 0.020 0.007 0.010 0.010 0.020 0.016 0.050 0 0.010 1.27 BSC 0.050 BSC A2 1.25 0.049 0 ° 8 ° 0 ° 8 ° 3.80 5.80 4.80 4.00 6.20 5.00 0.189 0.197 0.228 0.244 0.150 0.157 D e SEE VIEW A c b ° SEATING PLANE < 4 mils -T- |