công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD7478 bảng dữ liệu(PDF) 18 Page - Analog Devices

tên linh kiện AD7478
Giải thích chi tiết về linh kiện  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD7478 bảng dữ liệu(HTML) 18 Page - Analog Devices

Back Button AD7478 Datasheet HTML 14Page - Analog Devices AD7478 Datasheet HTML 15Page - Analog Devices AD7478 Datasheet HTML 16Page - Analog Devices AD7478 Datasheet HTML 17Page - Analog Devices AD7478 Datasheet HTML 18Page - Analog Devices AD7478 Datasheet HTML 19Page - Analog Devices AD7478 Datasheet HTML 20Page - Analog Devices AD7478 Datasheet HTML 21Page - Analog Devices AD7478 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
AD7476/AD7477/AD7478
Rev. F | Page 18 of 24
SERIAL INTERFACE
Sixteen serial clock cycles are required to perform the
conversion process and to access data from the AD7476/
AD7477/AD7478.
Figure 23, Figure 24, and Figure 25 show the detailed timing
diagrams for serial interfacing to the AD7476, AD7477, and
AD7478, respectively. The serial clock provides the conversion
clock and controls the transfer of information from the part
during conversion.
CS going low provides the first leading zero to be read by the
microcontroller or DSP. The remaining data is then clocked out
by subsequent SCLK falling edges, beginning with the second
leading zero. Thus, the first falling clock edge on the serial clock
has the first leading zero provided and also clocks out the
second leading zero. The final bit in the data transfer is valid on
the 16th falling edge, having clocked out on the previous (15th)
falling edge. In applications with a slower SCLK, it is possible to
read data on each SCLK rising edge, although the first leading
zero has to be read on the first SCLK falling edge after the CS
falling edge. Therefore, the first rising edge of SCLK after the
CS falling edge provides the second leading zero. The 15th
rising SCLK edge has DB0 provided or the final zero for the
AD7477 and AD7478. This may not work with most
microcontrollers/DSPs, but could possibly be used with FPGAs
and ASICs.
The CS signal initiates the data transfer and conversion process.
The falling edge of CS puts the track-and-hold into hold mode,
takes the bus out of three-state, and samples the analog input at
this point. The conversion initiates and requires 16 SCLK cycles
to complete. Once 13 SCLK falling edges have elapsed, the
track-and-hold goes back into track on the next SCLK rising
edge as shown at Point B in
,
, and
.
On the sixteenth SCLK falling edge, the SDATA line will go
back into three-state. If the rising edge of
Figure 23 Figure 24
Figure 25
CS occurs before
16 SCLKs have elapsed, the conversion terminates and the
SDATA line goes back into three-state; otherwise, SDATA
returns to three-state on the 16th SCLK falling edge as shown in
,
, and
.
Figure 23 Figure 24
Figure 25
SCLK
SDATA
CS
12345
13
14
15
16
B
THREE-STATE
THREE-
STATE
Z
ZERO
ZERO
ZERO
DB11
DB10
DB2
DB1
DB0
t1
t2
t3
t4
t7
t5
t6
t8
tQUIET
tCONVERT
4 LEADING ZEROS
Figure 23. AD7476 Serial Interface Timing Diagram
SCLK
SDATA
CS
1234
5
13
14
15
16
B
THREE-STATE
THREE-
STATE
Z
ZERO
ZERO
ZERO
DB9
DB8
DB0
ZERO
ZERO
t1
t2
t3
t4
t7
t5
t6
t8
tQUIET
tCONVERT
4 LEADING ZEROS
2 TRAILING ZEROS
Figure 24. AD7477 Serial Interface Timing Diagram
SCLK
SDATA
CS
1234
12
13
14
15
16
B
THREE-STATE
THREE-
STATE
Z
ZERO
ZERO
ZERO
DB7
ZERO
ZERO
ZERO
ZERO
t1
t2
t3
t4
t7
t5
t6
t8
tQUIET
tCONVERT
4 LEADING ZEROS
4 TRAILING ZEROS
8 BITS OF DATA
Figure 25. AD7478 Serial Interface Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com