| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADA4505-2ARMZ bảng dữ liệu(PDF) 7 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADA4505-2ARMZ bảng dữ liệu(HTML) 7 Page - Analog Devices |
|
7 / 24 page ![]() ADA4505-1/ADA4505-2/ADA4505-4 Rev. D | Page 7 of 24 TA = 25°C, unless otherwise noted. 1000 100 10 1 0.1 0 25 50 75 100 125 TEMPERATURE (°C) VSY = 1.8V IB+ IB– Figure 13. Input Bias Current vs. Temperature 1000 100 10 1 0.1 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 VCM (V) VSY = 1.8V IB+ AND IB– 125°C 105°C 85°C 25°C Figure 14. Input Bias Current vs. Common-Mode Voltage and Temperature 10k 1k 100 10 1 0.1 0.01 0.001 0.01 0.1 LOAD CURRENT (mA) 110 100 VSY = 1.8V –40°C +25°C +85°C +125°C Figure 15. Output Voltage (VOH) to Supply Rail vs. Load Current and Temperature 1000 100 10 1 0.1 0 25 50 75 100 125 TEMPERATURE (°C) VSY = 5V IB+ IB– Figure 16. Input Bias Current vs. Temperature 1000 100 10 1 0.1 0 1 2 345 VCM (V) 125°C 105°C 85°C 25°C VSY = 5V IB+ AND IB– Figure 17. Input Bias Current vs. Common-Mode Voltage and Temperature 10k 1k 100 10 1 0.1 0.01 0.001 0.01 0.1 LOAD CURRENT (mA) 110 100 VSY = 5V –40°C +25°C +85°C +125°C Figure 18. Output Voltage (VOH) to Supply Rail vs. Load Current and Temperature |