| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8360ECVVALFHA bảng dữ liệu(PDF) 100 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8360ECVVALFHA bảng dữ liệu(HTML) 100 Page - Freescale Semiconductor, Inc |
|
100 / 102 page ![]() MPC8360E/MPC8358E PowerQUICC II Pro Processor Revision 2.x TBGA Silicon Hardware Specifications, Rev. 5 100 Freescale Semiconductor Part Numbers Fully Addressed by this Document 25 Document Revision History This table provides a revision history for this document. MPC8358E TBGA 0x804A_0020 0x804A_0021 MPC8358 TBGA 0x804B_0020 0x804B_0021 Table 82. Revision History Rev. Number Date Substantive Change(s) 5 09/2011 • Section 2.2.1, “Power-Up Sequencing”, added the current limitation “3A to 5A” for the excessive current. • Section 2.1.2, “Power Supply Voltage Specification, Updated the Characteristic for TBGA (MPC8358 & MPC8360 Device) with specific frequency for Core and PLL voltages. • Added table footnote 3 to Table 2. • Applied table footnotes 1 and 2 to Table 10. • Removed table footnotes from Table 19. • Applied table footnote 8 to the last row of Table 40. • Applied table footnotes 8 and 9 to Table 41. • Applied table footnotes 2and 3 to Table 45. • Removed table footnotes from Table 46. • Applied table footnote to last three rows of Table 65. 4 01/2011 • Updated references to the LCRR register throughout • Removed references to DDR DLL mode in Section 6.2.2, “DDR and DDR2 SDRAM Output AC Timing Specifications.” • Changed “Junction-to-Case” to “Junction-to-Ambient” in Section 22.2.4, “Heat Sinks and Junction-to-Ambient Thermal Resistance,” and Table 78, “Heat Sinks and Junction-to-Ambient Thermal Resistance of TBGA Package,” titles. Table 81. SVR Settings (continued) Device Package SVR (Rev. 2.0) SVR (Rev. 2.1) |