| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2525IPQTP bảng dữ liệu(PDF) 126 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2525IPQTP bảng dữ liệu(HTML) 126 Page - Microchip Technology |
|
126 / 412 page ![]() PIC18F2525/2620/4525/4620 DS39626E-page 124 © 2008 Microchip Technology Inc. 11.1 Timer0 Operation Timer0 can operate as either a timer or a counter; the mode is selected with the T0CS bit (T0CON<5>). In Timer mode (T0CS = 0), the module increments on every clock by default unless a different prescaler value is selected (see Section 11.3 “Prescaler”). If the TMR0 register is written to, the increment is inhibited for the following two instruction cycles. The user can work around this by writing an adjusted value to the TMR0 register. The Counter mode is selected by setting the T0CS bit (= 1). In this mode, Timer0 increments either on every rising or falling edge of pin RA4/T0CKI/C1OUT. The incrementing edge is determined by the Timer0 Source Edge Select bit, T0SE (T0CON<4>); clearing this bit selects the rising edge. Restrictions on the external clock input are discussed below. An external clock source can be used to drive Timer0; however, it must meet certain requirements to ensure that the external clock can be synchronized with the internal phase clock (TOSC). There is a delay between synchronization and the onset of incrementing the timer/counter. 11.2 Timer0 Reads and Writes in 16-Bit Mode TMR0H is not the actual high byte of Timer0 in 16-bit mode; it is actually a buffered version of the real high byte of Timer0 which is not directly readable nor writable (refer to Figure 11-2). TMR0H is updated with the contents of the high byte of Timer0 during a read of TMR0L. This provides the ability to read all 16 bits of Timer0 without having to verify that the read of the high and low byte were valid, due to a rollover between successive reads of the high and low byte. Similarly, a write to the high byte of Timer0 must also take place through the TMR0H Buffer register. The high byte is updated with the contents of TMR0H when a write occurs to TMR0L. This allows all 16 bits of Timer0 to be updated at once. FIGURE 11-1: TIMER0 BLOCK DIAGRAM (8-BIT MODE) FIGURE 11-2: TIMER0 BLOCK DIAGRAM (16-BIT MODE) Note: Upon Reset, Timer0 is enabled in 8-bit mode with clock input from T0CKI max. prescale. T0CKI pin T0SE 0 1 1 0 T0CS FOSC/4 Programmable Prescaler Sync with Internal Clocks TMR0L (2 TCY Delay) Internal Data Bus PSA T0PS2:T0PS0 Set TMR0IF on Overflow 3 8 8 Note: Upon Reset, Timer0 is enabled in 8-bit mode with clock input from T0CKI max. prescale. T0CKI pin T0SE 0 1 1 0 T0CS FOSC/4 Programmable Prescaler Sync with Internal Clocks TMR0L (2 TCY Delay) Internal Data Bus 8 PSA T0PS2:T0PS0 Set TMR0IF on Overflow 3 TMR0 TMR0H High Byte 8 8 8 Read TMR0L Write TMR0L 8 |