| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2525IPQTP bảng dữ liệu(PDF) 100 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2525IPQTP bảng dữ liệu(HTML) 100 Page - Microchip Technology |
|
100 / 412 page ![]() PIC18F2525/2620/4525/4620 DS39626E-page 98 © 2008 Microchip Technology Inc. TABLE 9-5: PORTC I/O SUMMARY Pin Function TRIS Setting I/O I/O Type Description RC0/T1OSO/ T13CKI RC0 0 O DIG LATC<0> data output. 1 I ST PORTC<0> data input. T1OSO x O ANA Timer1 oscillator output; enabled when Timer1 oscillator enabled. Disables digital I/O. T13CKI 1 I ST Timer1/Timer3 counter input. RC1/T1OSI/CCP2 RC1 0 O DIG LATC<1> data output. 1 I ST PORTC<1> data input. T1OSI x I ANA Timer1 oscillator input; enabled when Timer1 oscillator enabled. Disables digital I/O. CCP2(1) 0 O DIG CCP2 compare and PWM output; takes priority over port data. 1 I ST CCP2 capture input. RC2/CCP1/P1A RC2 0 O DIG LATC<2> data output. 1 I ST PORTC<2> data input. CCP1 0 O DIG ECCP1 compare or PWM output; takes priority over port data. 1 I ST ECCP1 capture input. P1A(2) 0 O DIG ECCP1 Enhanced PWM output, channel A. May be configured for tri-state during Enhanced PWM shutdown events. Takes priority over port data. RC3/SCK/SCL RC3 0 O DIG LATC<3> data output. 1 I ST PORTC<3> data input. SCK 0 O DIG SPI clock output (MSSP module); takes priority over port data. 1 I ST SPI clock input (MSSP module). SCL 0 ODIG I2C™ clock output (MSSP module); takes priority over port data. 1 II2C/SMB I2C clock input (MSSP module); input type depends on module setting. RC4/SDI/SDA RC4 0 O DIG LATC<4> data output. 1 I ST PORTC<4> data input. SDI 1 I ST SPI data input (MSSP module). SDA 0 ODIG I2C data output (MSSP module); takes priority over port data. 1 II2C/SMB I2C data input (MSSP module); input type depends on module setting. RC5/SDO RC5 0 O DIG LATC<5> data output. 1 I ST PORTC<5> data input. SDO 0 O DIG SPI data output (MSSP module); takes priority over port data. RC6/TX/CK RC6 0 O DIG LATC<6> data output. 1 I ST PORTC<6> data input. TX 0 O DIG Asynchronous serial transmit data output (EUSART module); takes priority over port data. User must configure as output. CK 0 O DIG Synchronous serial clock output (EUSART module); takes priority over port data. 1 I ST Synchronous serial clock input (EUSART module). RC7/RX/DT RC7 0 O DIG LATC<7> data output. 1 I ST PORTC<7> data input. RX 1 I ST Asynchronous serial receive data input (EUSART module). DT 0 O DIG Synchronous serial data output (EUSART module); takes priority over port data. 1 I ST Synchronous serial data input (EUSART module). User must configure as an input. Legend: DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; ANA = Analog level input/output; I2C/SMB = I2C/SMBus input buffer; x = Don’t care (TRIS bit does not affect port direction or is overridden for this option). Note 1: Default assignment for CCP2 when the CCP2MX Configuration bit is set. Alternate assignment is RB3. 2: Enhanced PWM output is available only on PIC18F4525/4620 devices. |