| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PIC18F2525IPQTP bảng dữ liệu(PDF) 201 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F2525IPQTP bảng dữ liệu(HTML) 201 Page - Microchip Technology |
|
201 / 412 page ![]() © 2008 Microchip Technology Inc. DS39626E-page 199 PIC18F2525/2620/4525/4620 17.4.17.3 Bus Collision During a Stop Condition Bus collision occurs during a Stop condition if: a) After the SDA pin has been deasserted and allowed to float high, SDA is sampled low after the BRG has timed out. b) After the SCL pin is deasserted, SCL is sampled low before SDA goes high. The Stop condition begins with SDA asserted low. When SDA is sampled low, the SCL pin is allowed to float. When the pin is sampled high (clock arbitration), the Baud Rate Generator is loaded with SSPADD<6:0> and counts down to 0. After the BRG times out, SDA is sampled. If SDA is sampled low, a bus collision has occurred. This is due to another master attempting to drive a data ‘0’ (Figure 17-31). If the SCL pin is sampled low before SDA is allowed to float high, a bus collision occurs. This is another case of another master attempting to drive a data ‘0’ (Figure 17-32). FIGURE 17-31: BUS COLLISION DURING A STOP CONDITION (CASE 1) FIGURE 17-32: BUS COLLISION DURING A STOP CONDITION (CASE 2) SDA SCL BCLIF PEN P SSPIF TBRG TBRG TBRG SDA asserted low SDA sampled low after TBRG, set BCLIF ‘0’ ‘0’ SDA SCL BCLIF PEN P SSPIF TBRG TBRG TBRG Assert SDA SCL goes low before SDA goes high, set BCLIF ‘0’ ‘0’ |