| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MPC8548ECHXATJB bảng dữ liệu(PDF) 8 Page - Freescale Semiconductor, Inc |
|
|
|||||||||||||||||||||||||||||
MPC8548ECHXATJB bảng dữ liệu(HTML) 8 Page - Freescale Semiconductor, Inc |
|
8 / 151 page ![]() MPC8548E PowerQUICC III Integrated Processor Hardware Specifications, Rev. 9 8 Freescale Semiconductor Overview — Memory prefetching of PCI read accesses — Supports posting of processor-to-PCI and PCI-to-memory writes — PCI 3.3-V compatible — Selectable hardware-enforced coherency • Serial RapidIO™ interface unit — Supports RapidIO™ Interconnect Specification, Revision 1.2 — Both 1× and 4× LP-serial link interfaces — Long- and short-haul electricals with selectable pre-compensation — Transmission rates of 1.25, 2.5, and 3.125 Gbaud (data rates of 1.0, 2.0, and 2.5 Gbps) per lane — Auto detection of 1- and 4-mode operation during port initialization — Link initialization and synchronization — Large and small size transport information field support selectable at initialization time — 34-bit addressing — Up to 256 bytes data payload — All transaction flows and priorities — Atomic set/clr/inc/dec for read-modify-write operations — Generation of IO_READ_HOME and FLUSH with data for accessing cache-coherent data at a remote memory system — Receiver-controlled flow control — Error detection, recovery, and time-out for packets and control symbols as required by the RapidIO specification — Register and register bit extensions as described in part VIII (Error Management) of the RapidIO specification — Hardware recovery only — Register support is not required for software-mediated error recovery. — Accept-all mode of operation for fail-over support — Support for RapidIO error injection — Internal LP-serial and application interface-level loopback modes — Memory and PHY BIST for at-speed production test • RapidIO-compatible message unit — 4 Kbytes of payload per message — Up to sixteen 256-byte segments per message — Two inbound data message structures within the inbox — Capable of receiving three letters at any mailbox — Two outbound data message structures within the outbox — Capable of sending three letters simultaneously — Single segment multicast to up to 32 devIDs — Chaining and direct modes in the outbox |