| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PC817X4 bảng dữ liệu(PDF) 4 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
PC817X4 bảng dữ liệu(HTML) 4 Page - Sharp Corporation |
|
4 / 15 page ![]() Sheet No.: D2-A03101EN ■ Electro-optical Characteristics Parameter Conditions Forward voltage Peak forward voltage Reverse current Collector dark current Collector current Collector-emitter saturation voltage Isolation resistance Floating capacitance Cut-off frequency MIN. − − − − 2.5 − 5 ×1010 − − − − TYP. 1.2 − − − − 0.1 1 ×1011 0.6 80 4 3 MAX. 1.4 3.0 10 100 30.0 0.2 − 1.0 − 18 18 Unit V V µA nA mA V Ω pF kHz µs µs Symbol VF VFM IR ICEO IC VCE (sat) RISO fc tr tf Cf Response time Rise time Fall time IF =20mA IFM =0.5A VR =4V Terminal capacitance − 30 250 pF Ct V =0, f=1kHz VCE =50V, IF=0 IF =5mA, VCE=5V IF =20mA, IC=1mA V =0, f=1MHz VCE =2V, IC=2mA, RL=100Ω VCE =5V, IC=2mA, RL=100Ω, −3dB DC500V, 40 to 60%RH (Ta =25˚C) *5 From the production Date code "J5" (May 1997) to "P7" (July 2002), however the products were screened by BVCEO ≥70V. Collector-emitter breakdown voltage 80 −− V BVCEO IC =0.1mA, IF=0 Emitter-collector breakdown voltage 6 −− V BVECO IE =10µA, IF=0 *5 ■ Absolute Maximum Ratings (Ta =25˚C) Parameter Symbol Unit Forward current mA *1 Peak forward current A Power dissipation mW Collector-emitter voltage V Emitter-collector voltage V Collector current mA Collector power dissipation mW Total power dissipation mW *2 Isolation voltage Operating temperature ˚C Storage temperature ˚C *3 Soldering temperature IF IFM P VCEO VECO IC PC Ptot Viso (rms) Topr Tstg Tsol ˚C *1 Pulse width ≤100µs, Duty ratio : 0.001 *2 40 to 60%RH, AC for 1minute, f=60Hz *3 For 10s *4 Up to Date code "P7" (July 2002) VCEO : 35V. Rating 50 1 Reverse voltage V VR 6 70 80 6 50 150 200 −30 to +100 −55 to +125 260 5.0 kV *4 4 PC817X Series |