công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LTC1655CS8 bảng dữ liệu(PDF) 16 Page - Linear Technology

tên linh kiện LTC1655CS8
Giải thích chi tiết về linh kiện  16-Bit Rail-to-Rail Micropower DACs in
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LINER [Linear Technology]
Trang chủ  http://www.linear.com
Logo LINER - Linear Technology

LTC1655CS8 bảng dữ liệu(HTML) 16 Page - Linear Technology

Back Button LTC1655CS8 Datasheet HTML 8Page - Linear Technology LTC1655CS8 Datasheet HTML 9Page - Linear Technology LTC1655CS8 Datasheet HTML 10Page - Linear Technology LTC1655CS8 Datasheet HTML 11Page - Linear Technology LTC1655CS8 Datasheet HTML 12Page - Linear Technology LTC1655CS8 Datasheet HTML 13Page - Linear Technology LTC1655CS8 Datasheet HTML 14Page - Linear Technology LTC1655CS8 Datasheet HTML 15Page - Linear Technology LTC1655CS8 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
16
LTC1655/LTC1655L
©LINEAR TECHNOLOGY CORPORATION 1998
16555lf LT/TP 0800 4K • PRINTED IN USA
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408)432-1900 q FAX:(408)434-0507 q www.linear-tech.com
PART
NUMBER
DESCRIPTION
COMMENTS
LTC1257
Single 12-Bit VOUT DAC, Full Scale: 2.048V, VCC: 4.75V to 15.75V,
5V to 15V Single Supply, Complete VOUT DAC SO-8 Package
in Reference Can Be Overdriven Up to 12V, i.e., FSMAX = 12V
LTC1446/
Dual 12-Bit VOUT DACs in SO-8 Package
LTC1446: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1446L
LTC1446L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1448
Dual 12-Bit VOUT DAC, VCC: 2.7V to 5.5V
Output Swings from GND to REF. REF Input Can Be Tied to VCC
LTC1450/
Single 12-Bit VOUT DACs with Parallel Interface
LTC1450: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1450L
LTC1450L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1451
Single Rail-to-Rail 12-Bit DAC, Full Scale: 4.095V, VCC: 4.5V to 5.5V,
5V, Low Power Complete VOUT DAC in SO-8 Package
Internal 2.048V Reference Brought Out to Pin
LTC1452
Single Rail-to-Rail 12-Bit VOUT Multiplying DAC, VCC: 2.7V to 5.5V
Low Power, Multiplying VOUT DAC with Rail-to-Rail
Buffer Amplifier in SO-8 Package
LTC1453
Single Rail-to-Rail 12-Bit VOUT DAC, Full Scale: 2.5V, VCC: 2.7V to 5.5V 3V, Low Power, Complete VOUT DAC in SO-8 Package
LTC1454/
Dual 12-Bit VOUT DACs in SO-16 Package with Added Functionality
LTC1454: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1454L
LTC1454L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1456
Single Rail-to-Rail Output 12-Bit DAC with Clear Pin,
Low Power, Complete VOUT DAC in SO-8
Full Scale: 4.095V, VCC: 4.5V to 5.5V
Package with Clear Pin
LTC1458/
Quad 12 Bit Rail-to-Rail Output DACs with Added Functionality
LTC1458: VCC = 4.5V to 5.5V, VOUT = 0V to 4.095V
LTC1458L
LTC1458L: VCC = 2.7V to 5.5V, VOUT = 0V to 2.5V
LTC1650
Single 16-Bit VOUT Industrial DAC in 16-Pin SO, VCC = ±5V
Low Power, Deglitched, 4-Quadrant Mulitplying VOUT DAC,
Output Swing
±4.5V
LTC1654
Dual 14-Bit DAC
1LSB DNL, 2 DACs in SO-8 Footprint
LTC1657/
Single 16-Bit VOUT DAC with Parallel Interface
LTC1657: VCC = 5V, Low Power, Deglitched, VOUT = 0V to 4.096V
LTC1657L
LTC1657L: VCC = 3V, Low Power, Deglitched, VOUT = 0V to 2.5V
LTC1658
Single Rail-to-Rail 14-Bit VOUT DAC in 8-Pin MSOP,
Low Power, Multiplying VOUT DAC in MS8 Package. Output
VCC = 2.7V to 5.5V
Swings from GND to REF. REF Input Can Be Tied to VCC
LTC1659
Single Rail-to-Rail 12-Bit VOUT DAC in 8-Pin MSOP,
Low Power, Multiplying VOUT DAC in MS8 Package. Output
VCC = 2.7V to 5.5V
Swings from GND to REF. REF Input Can Be Tied to VCC
RELATED PARTS
TYPICAL APPLICATION
CLK
DIN
CS/LD
µP
0.1
µF
VCC
VOUT
GND
R1
100k
5V
–5V
LTC1655/
LTC1655L
1655/55L TA06
1
8
5
7
2
3
This circuit shows how to measure negative offset. Since
LTC1655/LTC1655L operate on a single supply, if its
offset is negative, the output for code 0 limits to 0V. To
measure this negative offset, a negative supply is needed.
Connect resistor R1 as shown in the figure below. The
output voltage is the offset when code 0 is loaded in.
Negative Offset Measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com