| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF8537 bảng dữ liệu(PDF) 49 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF8537 bảng dữ liệu(HTML) 49 Page - NXP Semiconductors |
|
49 / 82 page ![]() PCF8537 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2012. All rights reserved. Product data sheet Rev. 1 — 31 May 2012 49 of 82 NXP Semiconductors PCF8537 Industrial LCD driver for multiplex rates up to 1:8 When data transfer is initiated, then the MSB of the first byte will always be placed in row 0. Data must be transferred contiguously to achieve RAM filling as described in Figure 37. 8.8.6 RAM filling in 1:8 multiplex drive mode In the 1:8 multiplex drive mode the eight transmitted data bits are placed into eight rows of one display RAM column (see Figure 38). In order to fill the whole RAM addresses 44 bytes need to be sent to the PCF8537. Fig 37. Display RAM filling order in 1:6 multiplex drive mode 0 1 2 3 4 5 6 7 4142434445 a0 a1 a2 a3 a4 a5 a6 a7 0 MSB LSB 1 2 3 4 5 transmitted data bytes a7 a6 a5 a4 a3 a2 a1 a0 b0 b1 b2 b3 b4 b5 b6 c0 c1 c2 c3 c4 c5 c6 b7 c7 b7 b6 b5 b4 b3 b2 b1 b0 c7 c6 c5 c4 c3 c2 c1 c0 display RAM columns/segment outputs (S) columns display RAM rows/ backplane outputs (BP) rows 013aaa650 data pointer incrementation h7 h6 h5 h4 h3 h2 h1 h0 discarded Fig 38. Display RAM filling order in 1:8 multiplex drive mode 0 1 2 3 4 5 6 7 39 40 41 42 43 b0 b1 b2 b3 b4 b5 b6 b7 0 MSB LSB 1 2 3 4 5 6 7 transmitted data byte b7 b6 b5 b4 b3 b2 b1 b0 display RAM columns/segment outputs (S) columns display RAM rows/ backplane outputs (BP) rows 013aaa651 |