| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SI65-R82L bảng dữ liệu(PDF) 1 Page - Delta Electronics, Inc. |
|
|
|||||||||||||||||||||||||||||
SI65-R82L bảng dữ liệu(HTML) 1 Page - Delta Electronics, Inc. |
|
|
1 / 1 page ![]() SMT Power Inductor SI65 Type Features RoHS compliant. Low profile (4.85mm max.Height)), SMD type. Unshielded. Self-leads,suitable for high density mounting. High energy storage and low DCR Provided with embossed carrier tape packing. Ideal for power source circuits, DC-DC converter, DC-AC inverters inductor applications. In addition to the standard versions shown here, customized inductors are available to meet your exact requirements. Mechanical Dimension: RECOMMENDED PAD PATTERNS C B D 6.1 1.1 5.8 UNIT:mm/inch A = 5.8±0.2 / 0.228±0.008 B = 5.2±0.2 / 0.205±0.008 C = 4.5±0.35 / 0.177±0.014 D = 1.2±0.2 / 0.047±0.008 Electrical Characteristics: 25℃, 100KHz, 0.1V for 0.33~8.2uH. 1KHz,1.0V for 10~220uH. 1.Tolerance of inductance±15% for 0.33~8.2uH, ±10% for 10~220uH. 2.Irated is the DC current which cause the inductance drop less than 10% of its nominal inductance without current and the surface temperature of the part increase less than 45℃. 3.Operating temperature:-20℃ to 105℃ (including self-temperature rise). PART NO. L 1 (uH) DCR (Ω) MAX Irated 2 (Adc) SI65-R56L 0.56 0.0095 6.60 SI65-R82L 0.82 0.0110 6.00 SI65-1R0L 1.00 0.0125 4.50 SI65-1R5L 1.50 0.0160 4.00 SI65-2R2L 2.20 0.0230 3.20 SI65-2R7L 2.70 0.0250 2.90 SI65-3R3L 3.30 0.0300 2.60 SI65-4R7L 4.70 0.0340 2.30 SI65-6R8L 6.80 0.0550 1.80 SI65-8R2L 8.20 0.0600 1.70 SI65-100K 10.00 0.0500 1.50 SI65-120K 12.00 0.1200 1.40 SI65-150K 15.00 0.1400 1.30 SI65-180K 18.00 0.1500 1.20 SI65-220K 22.00 0.1800 1.10 SI65-270K 27.00 0.2000 0.97 SI65-330K 33.00 0.2300 0.88 SI65-390K 39.00 0.3200 0.80 SI65-470K 47.00 0.3700 0.72 SI65-560K 56.00 0.4200 0.68 SI65-680K 68.00 0.4600 0.61 SI65-820K 82.00 0.6000 0.58 SI65-101K 100.00 0.7000 0.52 SI65-121K 120.00 0.9300 0.48 SI65-151K 150.00 1.1000 0.40 SI65-181K 180.00 1.3800 0.38 SI65-221K 220.00 1.5700 0.35 |
Số phần tương tự - SI65-R82L |
|
Mô tả tương tự - SI65-R82L |