| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TL072ACDR bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TL072ACDR bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 48 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 18-Oct-2013 Addendum-Page 4 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples TL072ACDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072AC TL072ACJG OBSOLETE CDIP JG 8 TBD Call TI Call TI 0 to 70 TL072ACP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL072ACP TL072ACPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL072ACP TL072ACPSR OBSOLETE SO PS 8 TBD Call TI Call TI 0 to 70 T072A TL072ACPSRE4 OBSOLETE SO PS 8 TBD Call TI Call TI 0 to 70 TL072ACPSRG4 OBSOLETE SO PS 8 TBD Call TI Call TI 0 to 70 TL072BCD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCDRG4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 072BC TL072BCP ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL072BCP TL072BCPE4 ACTIVE PDIP P 8 50 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 TL072BCP TL072CD ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDE4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDG4 ACTIVE SOIC D 8 75 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDR ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C TL072CDRE4 ACTIVE SOIC D 8 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 TL072C |