| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADR5043BRTZ-R2 bảng dữ liệu(PDF) 4 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADR5043BRTZ-R2 bảng dữ liệu(HTML) 4 Page - Analog Devices |
|
4 / 16 page ![]() ADR5040/ADR5041/ADR5043/ADR5044/ADR5045 Rev. A | Page 4 of 16 Parameter Symbol Conditions Min Typ Max Unit DYNAMIC OUTPUT IMPEDANCE (∆VR/∆IR) IIN = 50 μA to 15 mA 0.2 Ω MINIMUM OPERATING CURRENT IIN TA = 25°C 50 μA –40°C < TA < +125°C 60 μA VOLTAGE NOISE eN IIN = 100 μA; 0.1 Hz to 10 Hz 3.2 μV rms IIN = 100 μA; 10 Hz to 10 kHz 150 μV rms TURN-ON SETTLING TIME tR CLOAD = 0 μF 35 μs OUTPUT VOLTAGE HYSTERESIS ∆VOUT_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design. ADR5043 ELECTRICAL CHARACTERISTICS IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted. Table 4. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT IIN = 100 μA Grade A 2.994 3.000 3.006 V Grade B 2.997 3.000 3.003 V INITIAL ACCURACY VOERR IIN = 100 μA Grade A –6 +6 mV ±0.2 % Grade B –3 +3 mV ±0.1 % TEMPERATURE COEFFICIENT1 TCVOUT –40°C < TA < +125°C Grade A 10 100 ppm/°C Grade B 10 75 ppm/°C OUTPUT VOLTAGE CHANGE vs. IIN ∆VR IIN = 50 μA to 1 mA –40°C < TA < +125°C 0.7 2.2 mV IIN = 1 mA to 15 mA –40°C < TA < +125°C 4 8 mV DYNAMIC OUTPUT IMPEDANCE (∆VR/∆IR) IIN = 50 μA to 15 mA 0.2 Ω MINIMUM OPERATING CURRENT IIN TA = 25°C 50 μA –40°C < TA < +125°C 60 μA VOLTAGE NOISE eN IIN = 100 μA; 0.1 Hz to 10 Hz 4.3 μV rms IIN = 100 μA; 10 Hz to 10 kHz 180 μV rms TURN-ON SETTLING TIME tR CLOAD = 0 μF 42 μs OUTPUT VOLTAGE HYSTERESIS ∆VOUT_HYS IIN = 1 mA 40 ppm 1 Guaranteed by design. ADR5044 ELECTRICAL CHARACTERISTICS IIN = 50 μA to 15 mA, TA = 25°C, unless otherwise noted. Table 5. Parameter Symbol Conditions Min Typ Max Unit OUTPUT VOLTAGE VOUT IIN = 100 μA Grade A 4.088 4.096 4.104 V Grade B 4.092 4.096 4.100 V INITIAL ACCURACY VOERR IIN = 100 μA Grade A –8.192 +8.192 mV ±0.2 % Grade B –4.096 +4.096 mV ±0.1 % |