| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LS86AD bảng dữ liệu(PDF) 7 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS86AD bảng dữ liệu(HTML) 7 Page - Texas Instruments |
|
7 / 21 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-Sep-2013 Addendum-Page 2 Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples M38510/30502BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30502BDA M38510/30502BDA ACTIVE CFP W 14 1 TBD A42 N / A for Pkg Type -55 to 125 JM38510/ 30502BDA SN5486J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SN5486J SN5486J OBSOLETE CDIP J 14 TBD Call TI Call TI -55 to 125 SN5486J SN54LS86AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS86AJ SN54LS86AJ ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS86AJ SN54S86J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S86J SN54S86J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54S86J SN7486N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7486N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7486N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN7486N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS86AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86AD ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A SN74LS86ADRE4 ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS86A |