| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4316R-R2R-503 bảng dữ liệu(PDF) 3 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4316R-R2R-503 bảng dữ liệu(HTML) 3 Page - Bourns Electronic Solutions |
|
3 / 62 page ![]() Specifications are subject to change without notice. 279 Package Series Pin Isolated Bussed Dual Page Type Number Ct. Resistors Resistors Terminators No. 4 4304H-102-RC 4304H-101-RC 4304H-104-RC/RC 4300H 6 4306H-102-RC 4306H-101-RC 4306H-104-RC/RC 292 8 4308H-102-RC 4308H-101-RC 4308H-104-RC/RC 10 4310H-102-RC 4310H-101-RC 4310H-104-RC/RC Thick Film, Molded SIPs (continued) Molded SIP High Profile 8.89 (.350) Seated Height 24.99 (.984) MAX. 14.83 (.584) 9.75 (.384) MAX. MAX. 19.91 (.784) MAX. Package Series Pin Isolated Bussed Dual Page Type Number Ct. Resistors Resistors Terminators No. 4 4604X-102-RC 4604X-101-RC 4604X-104-RC/RC 5 4605X-101-RC 4605X-104-RC/RC 6 4606X-102-RC 4606X-101-RC 4606X-104-RC/RC 7 4607X-101-RC 4607X-104-RC/RC 8 4608X-102-RC 4608X-101-RC 4608X-104-RC/RC 9 4609X-101-RC 4609X-104-RC/RC 4600X 10 4610X-102-RC 4610X-101-RC 4610X-104-RC/RC 294 11 4611X-101-RC 4611X-104-RC/RC 12 4612X-102-RC 4612X-101-RC 4612X-104-RC/RC 13 4613X-101-RC 4613X-104-RC/RC 14 4614X-102-RC 4614X-101-RC 4614X-104-RC/RC Thick Film, Conformal SIPs Conformal SIP Low Profile 5.08 (.200) Seated Height Pin A Maximum Count mm (Inches) 4 10.11 (.398) 5 12.65 (.498) 6 15.19 (.598) 7 17.73 (.698) 8 20.27 (.798) 9 22.81 (.898) 10 25.35 (.998) 11 27.89 (1.098) 12 30.43 (1.198) 13 32.97 (1.298) 14 35.51 (1.398) 15 38.05 (1.498) 16 40.59 (1.598) A MAXIMUM 5.08 (.200) MAX. Industrial Grade Resistor Networks Product Selection Guide |