| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
4116H-R2R-503 bảng dữ liệu(PDF) 53 Page - Bourns Electronic Solutions |
|
|
|||||||||||||||||||||||||||||
4116H-R2R-503 bảng dữ liệu(HTML) 53 Page - Bourns Electronic Solutions |
|
53 / 62 page ![]() Specifications are subject to change without notice. 329 Abbreviations DIP = Dual In-Line Package MSIP = Molded Single In-Line Package CSIP = Conformal Coated Single In-Line Package PCC = Plastic Chip Carrier SOM = Small Outline Surface Mount Package, Medium Body (.220”) SOL = Small Outline Surface Mount Package, Wide Body (.300”) SON = Small Outline Surface Mount Package, Narrow Body (.154”) References 1. “Small Computer System Interface”, (ANSI X3.131-1986), American National Standards Institute Inc., 1986. 2. “Small Computer System Interface 2” (working draft proposal), Revision 5, American National Standards Institute Inc., August 9, 1988. 3. Standard Products Data Book, NCR Corporation, 1988. *MEDIUM PROFILE (.250” SEATED HEIGHT) AND HIGH PROFILE (.350” SEATED HEIGHT) ARE AVAILABLE BY PLACING THE LETTER “M” OR “H,” RESPECTIVELY, IN THE FIFTH POSITION OF THE PART NUMBER. 1 11 4611X-104-221/331 R2 = 330 Ω R1 = 220 Ω 20 1 R1 R1 R1 R1 R1 R1 R1 R1 R1 R1 R1 R1 R2 R2 R2 R2 R2 R2 R1 R1 R2 R2 R2 R2 R2 R2 R2 11 10 R1 R1 R2 R2 R1 R1 R2 R2 R2 R2 = 330 Ω R1 = 220 Ω 4120R-3-221/331 1 R2 = 150 Ω R1 = 330 Ω 4116R-8-2 R3 = 330 Ω 16 1 820 ELECTRICAL SCHEMATIC 19 2 20 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 10 R1 R2 R3 4120R-820-1 4420P-820-1 R1 = 270 Ω R2 = 820 Ω R3 = 180 Ω 4120R-820-2 4420P-820-2 R1 = 330 Ω R2 = 150 Ω R3 = 330 Ω 1 830 ELECTRICAL SCHEMATIC 19 2 20 R1 R2 R3 4120R-830-2 4420P-830-2 R1 = 330 Ω R2 = 150 Ω R3 = 330 Ω 18 3 17 4 16 5 15 6 14 7 13 8 12 9 11 10 4120R-830-1 4420P-830-1 R1 = 270 Ω R2 = 820 Ω R3 = 180 Ω SCSI Applications Representative Terminator Schematics Representative Terminator Schematics |