công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

E3F2-R2Z1 bảng dữ liệu(PDF) 24 Page - Omron Electronics LLC

tên linh kiện E3F2-R2Z1
Giải thích chi tiết về linh kiện  Threaded Cylindrical Photoelectric Sensors with Built-in Amplifier for Use as an Optical Proximity Switch
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  OMRON [Omron Electronics LLC]
Trang chủ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3F2-R2Z1 bảng dữ liệu(HTML) 24 Page - Omron Electronics LLC

Back Button E3F2-R2Z1 Datasheet HTML 20Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 21Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 22Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 23Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 24Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 25Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 26Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 27Page - Omron Electronics LLC E3F2-R2Z1 Datasheet HTML 28Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
24
Photoelectric sensor
E3F2
Accessories (Order Separately)
Reflectors
E39-R1
E39-R1S
E39-R3
E39-R7
E39-R8
E39-R40
Tape Reflectors
E39-RS3
E39-RSA
E39-RSB
Material, reflective
surface: acrylic
Rear surface: ABS
34
40.3
52
59.9
2.7
8
1.6
7.5
7
Two, 3.5 dia.
29
4.5
6
R20
3.4
7
18.45
22.9
11
20
0.2
0.2
16
22.5
19.3
34
38
34.8
2-M3
41.8
10.1
1.2
25.4
R25.4
3.4
10˚
1.2
2.6
Stainless steel
(SUS304)
Adhesive tape side
Two, 3.2 dia.
13.7
14˚
3.4
Material, reflective
surface: acrylic
Rear surface: ABS
4.5
84
7.4
ffor M3
for M3
9
100
100
92
92
for M3
8.7
84.5
84.5
77
77
80
4-R1
70
0.6
Adhesive tape side
35
0.7
Adhesive
tape
Reflecting
surface
4 x R1
40
0.7
Adhesive
tape
Reflecting
surface
4 x R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28