| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CRCW0805RFHTAP bảng dữ liệu(PDF) 2 Page - Vishay Siliconix |
|
|
|||||||||||||||||||||||||||||
CRCW0805RFHTAP bảng dữ liệu(HTML) 2 Page - Vishay Siliconix |
|
2 / 5 page ![]() D../CRCW....-P Lead (Pb)-bearing Thick Film, Rectangular Precision Chip Resistor Vishay Document Number: 20009 For technical questions, contact: filmresistors.thickfilmchip@vishay.com www.vishay.com Revision: 13-Oct-08 137 Notes (1) For sizes 0402 until 1206 the measuring conditions are in acc. to EN 140401-802. For all other sizes the result depends on the solder pad dimensions. (2) Rated voltage: (3) The power dissipation on the resistor generates a temperature rise against the local ambient, depending on the heat flow support of the printed-circuit board (thermal resistance). The rated dissipation applies only if the permitted film temperature of 155 °C is not exceeded. TECHNICAL SPECIFICATIONS PARAMETER UNIT D10/ CRCW0402-P D11/ CRCW0603-P D12/ CRCW0805-P D25/ CRCW1206-P CRCW1210-P CRCW1218-P CRCW2010-P CRCW2512-P Rated Dissipation at 70 °C (3) W 0.063 0.1 0.125 0.25 0.33 1 0.5 1 Limiting Element Voltage (2) V ≅ 50 75 150 200 200 200 400 500 Insulation Voltage (1 min) Vpeak > 75 > 100 > 200 > 300 > 300 > 300 > 300 > 300 Thermal Resistance (1) K/W ≤ 870 ≤ 550 ≤ 440 ≤ 220 ≤ 140 ≤ 65 ≤ 88 ≤ 65 Insulation Resistance Ω > 109 Category Temperature Range °C - 55 to + 155 Failure Rate h-1 0.3 x 10-9 Weight/1000 pieces g 0.65 2 5.5 10 16 29.5 25.5 40.5 PxR PART NUMBER AND PRODUCT DESCRIPTION PART NUMBER: CRCW080525R0DKTAP (4) MODEL/SIZE VALUE TOLERANCE TCR PACKAGING (5) SPECIAL CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 R = Decimal K = Thousand M = Million C = ± 0.25 % D = ± 0.5 % F = ± 1 % E = ± 25 ppm/K H = ± 50 ppm/K K = ± 100 ppm/K TA, TB, TC, TD, TE, TF, TG, TH, TI, TK, TL up to 2 digits P = Precision PRODUCT DESCRIPTION: CRCW0805 25R0 D 100 RT1 CRCW0805 25R0 D 100 RT1 MODEL RESISTANCE VALUE TOLERANCE TCR PACKAGING (5) CRCW0402 CRCW0603 CRCW0805 CRCW1206 CRCW1210 CRCW1218 CRCW2010 CRCW2512 49R9 = 49.9 Ω 5R1 = 5.1 Ω C = ± 0.25 % D = ± 0.5 % F = ± 1 % ± 25 ppm/K ± 50 ppm/K ± 100 ppm/K RT1, RT5, RT6, RT7 RT4, R02, R67, R82, RG1, RT9, R20 Notes (4)Preferred way for ordering products is by use of the PART NUMBER (5) Please refer to table PACKAGING, see next page C R 0 C W 8 0 5 5 2 R 0 T D K A P |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |