công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

3UG4621 bảng dữ liệu(PDF) 4 Page - List of Unclassifed Manufacturers

tên linh kiện 3UG4621
Giải thích chi tiết về linh kiện  Monitoring and Control Devices
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC2 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC2 - List of Unclassifed Manufacturers

3UG4621 bảng dữ liệu(HTML) 4 Page - List of Unclassifed Manufacturers

  3UG4621 Datasheet HTML 1Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 2Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 3Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 4Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 5Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 6Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 7Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 8Page - List of Unclassifed Manufacturers 3UG4621 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 114 page
background image
Monitoring and Control Devices
Introduction
7/4
Siemens LV 1 T · 2006
The advantages at a glance
Order No.
Page
3RS10, 3RS11, 3RS20 temperature monitoring relays
For monitoring the temperatures of solids, liquids, and gases
Relays, analog adjustable
• Separate versions for overshoot and undershoot
3RS10,
3RS11
7/90
• For simple monitoring tasks
• For PT100 or thermoelements J and K
• Variable hysteresis
Relays, digitally adjustable acc. to DIN 3440
• For two-step or three-step controls
3RS10,
3RS11,
3RS20
7/92
• For monitoring heat generation plants
• For PT100/1000, KTY83/84, NTC or thermoelements
type J, K, T, E, N, R, S, B
Relays, digitally adjustable for up to 3 sensors
• For simultaneously monitoring several sensors
3RS10
7/94
• Especially suited for monitoring motor winding temperatures
• For PT100/1000, KTY83/84, NTC
3RN1 thermistor motor protection
For PTC sensors
• Relays for monitoring motor winding temperatures with
type A PTC sensors
3RN1
7/96
• Integrated with ATEX license
• Closed-circuit principle
• Depending on the version: With short-circuit and open-circuit
detection, zero voltage safety, manual/auto/remote RESET,
1CO, 1NO+1 NC, 2 CO, 1NO+ 1CO or 2 CO
hard gold-plated
3TK28 safety relays
With electronic enabling circuits
• Permanent function checking
• No wear because switched electronically
• High switching frequency
• Long electrical endurance
• Evaluation of solid-state sensors
• Sensor lead up to max. 2000 m
• Cascading possible
• Insensitive to vibrations and dirt
• Compact design, low weight
• Approved for the world market
3TK28 4
7/102
With relay enabling circuits
• Compact design
• Floating safe outputs
• Also suitable for press and punch controls
• Can be used up to an ambient temperature of max. 70 °C
3TK28 2, 3TK28 3
7/105
With contactor relay enabling circuits
• Floating enabling circuits
• AC-15/DC-13 switching capacity
• Safe isolation
• Long mechanical and electrical endurance
• Certified as a complete unit
• Fault minimization and cost reduction through factory wiring
• Low installation costs
3TK28 5
7/108
3RA71 load feeders
with integrated safety functions
• Available in fused or fuseless configuration
• Floating enabling circuits
• AC-1/AC-3 switching capacity
• Certified as a complete unit
• Long mechanical and electrical endurance
• Rated operational voltage up to 690 V
• Safe isolation
3TK28 5
Ch. 6
3RS17 interface converters
Converters for standard signals and
non-standard variables
• All terminals protected against polarity reversing and
overvoltage up to 30 V
• For electrical isolation and conversion of analog signals
• Short-circuit resistant outputs
• From 6.2 mm width
• Switchable multi-range converters
• Variants with manual/automatic switch for setpoint input or
for the conversion of analog variables into frequency
3RS17
7/112
3RS10
3RN1
3TK28
3RS17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More