| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
L7981ATR bảng dữ liệu(PDF) 18 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
L7981ATR bảng dữ liệu(HTML) 18 Page - STMicroelectronics |
|
18 / 44 page ![]() Application informations L7981 18/44 Doc ID 15182 Rev 3 6.3 Output capacitor selection The current in the capacitor has a triangular waveform which generates a voltage ripple across it. This ripple is due to the capacitive component (charge or discharge of the output capacitor) and the resistive component (due to the voltage drop across its ESR). So the output capacitor has to be selected in order to have a voltage ripple compliant with the application requirements. The amount of the voltage ripple can be calculated starting from the current ripple obtained by the inductor selection. Equation 12 Usually the resistive component of the ripple is much higher than the capacitive one, if the output capacitor adopted is not a multi layer ceramic capacitor (MLCC) with very low ESR value. The output capacitor is important also for loop stability: it fixes the double LC filter pole and the zero due to its ESR. In Chapter 6.4, it will be illustrated how to consider its effect in the system stability. For example with VOUT=5 V, VIN=24 V, ΔIL=0.9 A (resulting by the inductor value), in order to have a ΔV OUT=0.01·VOUT, if the multi layer ceramic capacitor are adopted, 10uF are needed and the ESR effect on the output voltage ripple can be neglected. In case of not negligible ESR (electrolytic or tantalum capacitors), the capacitor is chosen taking into account its ESR value. So in case of 330 µF with ESR=30 m Ω, the resistive component of the drop dominates and the voltage ripple is 28 mV . The output capacitor is also important to sustain the output voltage when a load transient with high slew rate is required by the load. When the load transient slew rate exceeds the system bandwidth the output capacitor provides the current to the load. So if the high slew rate load transient is required by the application the output capacitor and system bandwidth have to be chosen in order to sustain the load transient. In the table below some capacitor series are listed. Table 8. Output capacitors Manufacturer Series Cap value ( μF) Rated voltage (V) ESR (m Ω) MURATA GRM32 22 to 100 6.3 to 25 < 5 GRM31 10 to 47 6.3 to 25 < 5 PANASONIC ECJ 10 to 22 6.3 < 5 EEFCD 10 to 68 6.3 15 to 55 SANYO TPA/B/C 100 to 470 4 to 16 40 to 80 TDK C3225 22 to 100 6.3 < 5 ΔV OUT ESR ΔI MAX ⋅ ΔI MAX 8C OUT f SW ⋅⋅ ------------------------------------- + = |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |