công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF8576DU/2DA/2,02 bảng dữ liệu(PDF) 29 Page - NXP Semiconductors

tên linh kiện PCF8576DU/2DA/2,02
Giải thích chi tiết về linh kiện  Universal LCD driver for low multiplex rates
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8576DU/2DA/2,02 bảng dữ liệu(HTML) 29 Page - NXP Semiconductors

Back Button PCF8576DU/2DA/2,02 Datasheet HTML 25Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 26Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 27Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 28Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 29Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 30Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 31Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 32Page - NXP Semiconductors PCF8576DU/2DA/2,02 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 57 page
background image
PCF8576D
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 14 — 10 June 2013
29 of 57
NXP Semiconductors
PCF8576D
Universal LCD driver for low multiplex rates
8.4 I2C-bus controller
The PCF8576D acts as an I2C-bus slave receiver. It does not initiate I2C-bus transfers or
transmit data to an I2C-bus master receiver. The only data output from the PCF8576D are
the acknowledge signals of the selected devices. Device selection depends on the
I2C-bus slave address, on the transferred command data and on the hardware
subaddress.
In single device applications, the hardware subaddress inputs A0, A1, and A2 are
normally tied to VSS which defines the hardware subaddress 0. In multiple device
applications A0, A1, and A2 are tied to VSS or VDD using a binary coding scheme, so that
no two devices with a common I2C-bus slave address have the same hardware
subaddress.
8.5 Input filters
To enhance noise immunity in electrically adverse environments, RC low-pass filters are
provided on the SDA and SCL lines.
8.6 I2C-bus protocol
Two I2C-bus slave addresses (0111 000 and 0111 001) are used to address the
PCF8576D. The entire I2C-bus slave address byte is shown in Table 17.
The PCF8576D is a write-only device and will not respond to a read access, therefore bit
0 should always be logic 0. Bit 1 of the slave address byte that a PCF8576D will respond
to, is defined by the level tied to its SA0 input (VSS for logic 0 and VDD for logic 1).
Having two reserved slave addresses allows the following on the same I2C-bus:
• Up to 16 PCF8576D for very large LCD applications
• The use of two types of LCD multiplex drive
The I2C-bus protocol is shown in Figure 18. The sequence is initiated with a START
condition (S) from the I2C-bus master which is followed by one of two possible PCF8576D
slave addresses available. All PCF8576Ds whose SA0 inputs correspond to bit 0 of the
slave address respond by asserting an acknowledge in parallel. This I2C-bus transfer is
ignored by all PCF8576Ds whose SA0 inputs are set to the alternative level.
Table 17.
I2C slave address byte
Slave address
Bit
7
6
5
4
3
2
1
0
MSB
LSB
01
11
00
SA0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com