công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCF2116GHZ bảng dữ liệu(PDF) 35 Page - NXP Semiconductors

tên linh kiện PCF2116GHZ
Giải thích chi tiết về linh kiện  LCD controller/drivers
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2116GHZ bảng dữ liệu(HTML) 35 Page - NXP Semiconductors

Back Button PCF2116GHZ Datasheet HTML 31Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 32Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 33Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 34Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 35Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 36Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 37Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 38Page - NXP Semiconductors PCF2116GHZ Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 64 page
background image
1997 Apr 07
35
Philips Semiconductors
Product specification
LCD controller/drivers
PCF2116 family
12 LIMITING VALUES
In accordance with the Absolute Maximum Rating System (IEC 134).
13 HANDLING
Inputs and outputs are protected against electrostatic discharge in normal handling. However, to be totally safe, it is
desirable to take normal precautions appropriate to handling MOS devices (see
“Handling MOS Devices”).
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VDD
supply voltage
−0.5
+8.0
V
VLCD
LCD supply voltage
VDD − 11
VDD
V
VI
input voltage OSC, V0, RS, R/W, E and DB0 to DB7
VSS − 0.5
VDD + 0.5
V
VO
output voltage R1 to R32, C1 to C60 and VLCD
VLCD − 0.5
VDD + 0.5
V
II
DC input current
−10
+10
mA
IO
DC output current
−10
+10
mA
IDD, ISS, ILCD VDD, VSS or VLCD current
−50
+50
mA
Ptot
total power dissipation
−
400
mW
PO
power dissipation per output
−
100
mW
Tstg
storage temperature
−65
+150
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64